công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB161D bảng dữ liệu(PDF) 46 Page - ATMEL Corporation

tên linh kiện AT45DB161D
Giải thích chi tiết về linh kiện  16-megabit 2.5-volt or 2.7-volt DataFlash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161D bảng dữ liệu(HTML) 46 Page - ATMEL Corporation

Back Button AT45DB161D Datasheet HTML 42Page - ATMEL Corporation AT45DB161D Datasheet HTML 43Page - ATMEL Corporation AT45DB161D Datasheet HTML 44Page - ATMEL Corporation AT45DB161D Datasheet HTML 45Page - ATMEL Corporation AT45DB161D Datasheet HTML 46Page - ATMEL Corporation AT45DB161D Datasheet HTML 47Page - ATMEL Corporation AT45DB161D Datasheet HTML 48Page - ATMEL Corporation AT45DB161D Datasheet HTML 49Page - ATMEL Corporation AT45DB161D Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
46
3500M–DFLASH–04/09
AT45DB161D
25. Auto Page Rewrite Flowchart
Figure 25-1. Algorithm for Programming or Reprogramming of the Entire Array Sequentially
Notes: 1. This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array page-by-
page.
2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer
to Main Memory Page Program operation.
3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page
within the entire array.
START
MAIN MEMORY PAGE PROGRAM
THROUGH BUFFER
(82H, 85H)
END
provide address
and data
BUFFER WRITE
(84H, 87H)
BUFFER TO MAIN
MEMORY PAGE PROGRAM
(83H, 86H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56