công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega165-16AI bảng dữ liệu(PDF) 50 Page - ATMEL Corporation

tên linh kiện ATmega165-16AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165-16AI bảng dữ liệu(HTML) 50 Page - ATMEL Corporation

Back Button ATmega165-16AI Datasheet HTML 46Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 47Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 48Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 49Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 50Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 51Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 52Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 53Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 336 page
background image
50
ATmega165/V
2573G–AVR–07/09
The IVCE bit must be written to logic one to enable change of the IVSEL bit. IVCE is
cleared by hardware four cycles after it is written or when IVSEL is written. Setting the
IVCE bit will disable interrupts, as explained in the IVSEL description above. See Code
Example below.
Assembly Code Example
Move_interrupts:
; Enable change of Interrupt Vectors
ldi
r16, (1<<IVCE)
out
MCUCR, r16
; Move interrupts to Boot Flash section
ldi
r16, (1<<IVSEL)
out
MCUCR, r16
ret
C Code Example
void
Move_interrupts(void)
{
/* Enable change of Interrupt Vectors */
MCUCR = (1<<IVCE);
/* Move interrupts to Boot Flash section */
MCUCR = (1<<IVSEL);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More