| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega165-16AI bảng dữ liệu(PDF) 270 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega165-16AI bảng dữ liệu(HTML) 270 Page - ATMEL Corporation |
|
270 / 336 page ![]() 270 ATmega165/V 2573G–AVR–07/09 Programming Command Register The Programming Command Register is a 15-bit register. This register is used to seri- ally shift in programming commands, and to serially shift out the result of the previous command, if any. The JTAG Programming Instruction Set is shown in Table 115. The state sequence when shifting in the programming commands is illustrated in Figure 125. Figure 124. Programming Command Register TDI TDO S T R O B E S A D D R E S S / D A T A Flash EEPROM Fuses Lock Bits |