công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8366EV bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG

tên linh kiện TLE8366EV
Giải thích chi tiết về linh kiện  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG

  TLE8366EV Datasheet HTML 1Page - Infineon Technologies AG TLE8366EV Datasheet HTML 2Page - Infineon Technologies AG TLE8366EV Datasheet HTML 3Page - Infineon Technologies AG TLE8366EV Datasheet HTML 4Page - Infineon Technologies AG TLE8366EV Datasheet HTML 5Page - Infineon Technologies AG TLE8366EV Datasheet HTML 6Page - Infineon Technologies AG TLE8366EV Datasheet HTML 7Page - Infineon Technologies AG TLE8366EV Datasheet HTML 8Page - Infineon Technologies AG TLE8366EV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLE8366
General Product Characteristics
Data sheet
5
Rev. 1.0, 2009-05-18
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Synchronization Input
V
SYNC
-0.3
5.5
V
–
6.2
V
t < 10s2)
2) Exposure to those absolute maximum ratings for extended periods of time (
t > 10s) may affect device reliability
4.1.2
Compensation Input
V
COMP
-0.3
5.5
V
–
4.1.3
6.2
V
t < 10s2)
4.1.4
Feedback Input
V
FB
-0.3
10
V
TLE8366EV50;
TLE8366EV33
4.1.5
-0.3
5.5
V
TLE8366EV
4.1.6
Buck Driver Supply Input
V
BDS
V
BUO
- 0.3
V
BUO
+ 5.5
V
4.1.7
Buck Switch Output
V
BUO
-2.0
V
VS + 0.3
V
4.1.8
Enable Input
V
EN
-40
45
V
4.1.9
Supply Voltage Input
V
VS
-0.3
45
V
Temperatures
4.1.10
Junction Temperature
T
j
-40
150
°C–
4.1.11
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.12
ESD Resistivity
V
ESD
-2
2
kV
HBM 3)
3) ESD susceptibility HBM according to EIA/JESD 22-A 114B (1.5k
Ω,100pF).
4.1.13
ESD Resistivity to GND
V
ESD
-500
500
V
CDM 4)
4) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101 or ESDA STM5.3.1
4.1.14
ESD Resistivity corner pins to GND
V
ESD
-750
750
V
CDM 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com