công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS8430002 bảng dữ liệu(PDF) 6 Page - Integrated Device Technology

tên linh kiện ICS8430002
Giải thích chi tiết về linh kiện  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 bảng dữ liệu(HTML) 6 Page - Integrated Device Technology

Back Button ICS8430002 Datasheet HTML 2Page - Integrated Device Technology ICS8430002 Datasheet HTML 3Page - Integrated Device Technology ICS8430002 Datasheet HTML 4Page - Integrated Device Technology ICS8430002 Datasheet HTML 5Page - Integrated Device Technology ICS8430002 Datasheet HTML 6Page - Integrated Device Technology ICS8430002 Datasheet HTML 7Page - Integrated Device Technology ICS8430002 Datasheet HTML 8Page - Integrated Device Technology ICS8430002 Datasheet HTML 9Page - Integrated Device Technology ICS8430002 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
6
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
27
S_DATA
Input
Pulldown
Shift register serial input. Data sampled on the rising edge of S_CLOCK.
LVCMOS/LVTTL interface levels.
28
S_LOAD
Input
Pulldown
Controls transition of data from shift register into the dividers.
LVCMOS/LVTTL interface levels.
29
VCCA
Power
Analog supply pin.
30
SEL
Input
Pulldown
Selects between the crystal oscillator or the PCLK/nPCLK inputs as the PLL
reference source. Selects XTAL inputs when LOW. Selects PCLK/nPCLK when
HIGH. LVCMOS/LVTTL interface levels.
33,
34
XTAL_IN
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
37
PCLK
Input
Pulldown
Non-inverting differential clock input.
38
nPCLK
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
39
nP_LOAD
Input
Pulldown
Parallel load input. Determines when data present at M5:M0 is loaded into M
divider, and when data present at NA2:NA0 and NB2:NB0 is loaded into the N
output divider value. LVCMOS/LVTTL interface levels.
40
VCO_SEL
Input
Pullup
Determines whether the synthesizer is in PLL or Bypass mode. LVCMOS/LVTTL
interface levels.
41, 42, 43,
44, 45
M0, M1, M2,
M3, M4
Input
Pulldown
M divider integer inputs. The fractional portion of M divider can only be
programmed by serial interface. Data latched on LOW-to-HIGH transition of
nP_LOAD input. LVCMOS/LVTTL interface levels.
46
M5
Input
Pullup
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω
ROUT
Output Impedance
REF_OUT
7
Ω
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com