công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS8430002 bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện ICS8430002
Giải thích chi tiết về linh kiện  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  ICS8430002 Datasheet HTML 1Page - Integrated Device Technology ICS8430002 Datasheet HTML 2Page - Integrated Device Technology ICS8430002 Datasheet HTML 3Page - Integrated Device Technology ICS8430002 Datasheet HTML 4Page - Integrated Device Technology ICS8430002 Datasheet HTML 5Page - Integrated Device Technology ICS8430002 Datasheet HTML 6Page - Integrated Device Technology ICS8430002 Datasheet HTML 7Page - Integrated Device Technology ICS8430002 Datasheet HTML 8Page - Integrated Device Technology ICS8430002 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
4
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Assuming a 25MHz reference frequency and a VCO frequency of
637.5MHz (which, with an output divider of 6 would give an output
frequency of 106.25MHz, a common Fibre channel reference
frequency), requires an M setting of 25.5 (the integer portion being
25 and the fractional portion being 2048/4096). If you decrease the
fractional portion of the M divider by one bit (from 2048 to 2047), the
frequency change in ppm is calculated by:
Which, for these conditions, is a step size of 9.6 ppm.
The ICS8430002 supports either serial or parallel programming
modes to program the P pre-divider, M feedback divider and N output
divider, however the parallel interface can only program the integer
portion of the feedback divider. The fractional portion of the feedback
divider must be programmed serially. Figure 1 shows the timing
diagram for each mode. In parallel mode, the nP_LOAD input is
initially LOW. The data on the M, NA, and NB inputs are passed
directly to the M divider and both N output dividers. On the
LOW-to-HIGH transition of the nP_LOAD input, the data is latched
and the M and N dividers remain loaded until the next LOW transition
on nP_LOAD or until a serial event occurs. As a result, the M and Nx
bits can be hardwired to set the M divider and Nx output divider to a
specific default state that will automatically occur during power-up.
The TEST output is LOW when operating in the parallel input mode.
Serial operation occurs when nP_LOAD is HIGH and S_LOAD is
LOW. The shift register is loaded by sampling the S_DATA bits with
the rising edge of S_CLOCK. The contents of the shift register are
loaded into the P pre-divider, M divider and Nx output divider when
S_LOAD transitions from LOW-to-HIGH. The P pre-divider, M divider
and Nx output divider values are latched on the HIGH-to-LOW
transition of S_LOAD. The serial mode can be used to program the
P, M and Nx bits and test bits T1 and T0. The data bits are clocked in
the following order as in the table below.
Figure 1. Parallel & Serial Load Operations
stepsize
25.5 25.499755859375
–
()
25.5
----------------------------------------------------------------
1
6
×10
×
ppm
=
T1
T0
NB2
NB1
NB0
NA2
NA1
NA0
P2
P1
P0
DS1
DS0
MFRAC11 MFRAC10
MFRAC9MFRAC8MFRAC7MFRAC6MFRAC5MFRAC4MFRAC3MFRAC2MFRAC1MFRAC0
MINT5MINT4MINT3MINT2MINT1MINT0
SERIAL LOADING
PARALLEL LOADING
M, N, P
t
S
t
S
t
H
t
S
t
H
Time
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
S_LOAD
nP_LOAD
M[5:0], NX[2:0], P[2:0]
. . .
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com