| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8201R bảng dữ liệu(PDF) 19 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8201R bảng dữ liệu(HTML) 19 Page - Infineon Technologies AG |
|
19 / 45 page ![]() TLE 8201R Data Sheet Rev. 2.0 19 2006-06-07 Table 4 Status bit definitions Status Bit Definition LSxOvL Low-Side switch Over Load. Set to HIGH if low-side switch no. x is shut down due to overcurrent or over temperature HSxOvL High-Side switch Over Load. Set to HIGH if high-side switch no. x is shut down due to overcurrent or over temperature LSxOpL Low-Side switch open load. Set to HIGH if open load (undercurrent) is detected in low-side switch x HSxOpL High-Side switch Open Load. Set to HIGH if open load is detected in high- side switch x PSF Power Supply Fail. Set to HIGH if the Voltage at the Vs pin is below the Vs under-voltage threshold or above the Vs over-voltage threshold TSD one or more powerstages are shut down due to over temperature TW one or more powerstages have reached the warning temperature EF_xy Error Flag for StatReg xy. Set to HIGH if any bit is set to HIGH StatReg xy n.c. not connected. These bits may be used for test-mode purposes. They are set to fixed LOW in normal operation |