công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33596FCE/R2 bảng dữ liệu(PDF) 20 Page - Freescale Semiconductor, Inc

tên linh kiện MC33596FCE/R2
Giải thích chi tiết về linh kiện  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 bảng dữ liệu(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Receive Mode
Freescale Semiconductor
20
Figure 12. Receive Mode, DME = 1, SOE = 0
•
State 20:
The receiver is in standby/LVD mode. For further information, see Section 12, “Standby: LVD
Mode.” A high level applied to STROBE forces the circuit to state 21.
•
State 21:
The circuit is waiting for a valid ID. If an ID, or its complement, is detected, the state machine
advances to state 22; if not, the state machine will remain in state 21, as long as STROBE is high.
•
State 22:
If a header, or its complement, is detected, the state machine advances to state 23. If not, the state
machine will remain in state 22, as long as STROBE is high.
•
State 23:
A header or its complement has been received; data and clock signals are output on the SPI port
until an EOM indicates the end of the data sequence. If the complement of the header has been
SPI Deselected
STROBE = 0
STROBE = 1
Header Received
EOM Received
and STROBE = 1
EOM Received
and STROBE = 0
ID Detected
State 20
Standby/LVD
State 21
On
Waiting For a Valid ID
State 22
On
Waiting for a Valid Header
State 23
On
Output Data and Clock
Waiting for End of Message
SPI Master
STROBE = 0
STROBE = 0
STROBE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com