| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX513CJM6C bảng dữ liệu(PDF) 166 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX513CJM6C bảng dữ liệu(HTML) 166 Page - Freescale Semiconductor, Inc |
|
166 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 166 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments EIM_A172 AB9 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A182 AC8 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A192 AA8 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A202 AB8 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A212 AC7 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A22 AB7 NVCC_EMI GPIO Output High EIM_A232 AC6 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A24 AC5 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A25 AB6 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A26 AC4 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A27 AB5 NVCC_EMI GPIO Input Keeper EIM_BCLK AA4 NVCC_EMI GPIO Input Keeper EIM_CRE AB2 NVCC_EMI GPIO Output High EIM_CS0 W6 NVCC_EMI GPIO Output High EIM_CS1 Y6 NVCC_EMI GPIO Output High EIM_CS2 Y7 NVCC_EMI GPIO Input Keeper EIM_CS3 AC3 NVCC_EMI GPIO Input Keeper EIM_CS4 AA6 NVCC_EMI GPIO Input Keeper EIM_CS5 AA5 NVCC_EMI GPIO Input Keeper EIM_D16 AC12 NVCC_EMI GPIO Input Keeper EIM_D17 W10 NVCC_EMI GPIO Input Keeper EIM_D18 AA11 NVCC_EMI GPIO Input Keeper EIM_D19 Y10 NVCC_EMI GPIO Input Keeper EIM_D20 AB11 NVCC_EMI GPIO Input Keeper EIM_D21 W9 NVCC_EMI GPIO Input Keeper EIM_D22 AC11 NVCC_EMI GPIO Input Keeper EIM_D23 V8 NVCC_EMI GPIO Input Keeper EIM_D24 AA10 NVCC_EMI GPIO Input Keeper EIM_D25 Y9 NVCC_EMI GPIO Input Keeper EIM_D26 AB10 NVCC_EMI GPIO Input Keeper EIM_D27 W8 NVCC_EMI GPIO Input Keeper EIM_D28 AC10 NVCC_EMI GPIO Input Keeper Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |