| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX513CJM6C bảng dữ liệu(PDF) 165 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX513CJM6C bảng dữ liệu(HTML) 165 Page - Freescale Semiconductor, Inc |
|
165 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 165 Preliminary—Subject to Change Without Notice DRAM_D26 H2 NVCC_EMI_DRAM DDR2 Output High DRAM_D27 J5 NVCC_EMI_DRAM DDR2 Output High DRAM_D28 G1 NVCC_EMI_DRAM DDR2 Output High DRAM_D29 G2 NVCC_EMI_DRAM DDR2 Output High DRAM_D3 R1 NVCC_EMI_DRAM DDR2 Output High DRAM_D30 G3 NVCC_EMI_DRAM DDR2 Output High DRAM_D31 G4 NVCC_EMI_DRAM DDR2 Output High DRAM_D4 R4 NVCC_EMI_DRAM DDR2 Output High DRAM_D5 P5 NVCC_EMI_DRAM DDR2 Output High DRAM_D6 P4 NVCC_EMI_DRAM DDR2 Output High DRAM_D7 N5 NVCC_EMI_DRAM DDR2 Output High DRAM_D8 N2 NVCC_EMI_DRAM DDR2 Output High DRAM_D9 N1 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM0 P3 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM1 M2 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM2 K2 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM3 H5 NVCC_EMI_DRAM DDR2 Output High DRAM_RAS W1 NVCC_EMI_DRAM DDR2 Output High DRAM_SDCKE0 AA1 NVCC_EMI_DRAM DDR2 Output High DRAM_SDCKE1 W5 NVCC_EMI_DRAM DDR2 Output High DRAM_SDCLK T3 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDCLK_B T4 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS0 P2 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS0_B P1 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS1 N4 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS1_B N3 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS2 J1 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS2_B J2 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS3 H3 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS3_B H4 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDWE U5 NVCC_EMI_DRAM DDR2 Output High EIM_A162 AA9 NVCC_EMI GPIO Input 100 k Ω pull-up Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |