công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF0MLQ1 bảng dữ liệu(PDF) 63 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF0MLQ1
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MLQ1 bảng dữ liệu(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF0MLQ1 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ1 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
63
3.5
Electromagnetic Interference (EMI) characteristics
3.6
Electrostatic discharge (ESD) characteristics
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are applied to the pins of each sample according
to each pin combination. The sample size depends on the number of supply pins in the device (3 parts × (n + 1) supply pin).
This test conforms to the AEC-Q100-002/-003/-011 standard.
Table 12. EMI testing specifications1
NOTES:
1 EMI testing and I/O port waveforms per SAE J1752/3 issued 1995-03 and IEC 61967-1, 2.
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
SR Scan range
—
0.15
—
1000
MHz
2
SR Operating frequency
—
—
—
120
MHz
3
VDD_LV_REGCOR
VDD_LV_CORx
VDD_LV_PLL
SR
LV operating voltages
——
1.2
—
V
4
VDD_HV_REG
VDD_HV_AD1
VDD_HV_AD0
VDD_HV_FL
VDD_HV_OSC
VDD_HV_IOx
SR
HV operating
voltages
——
3.3
—
V
5
VDD_HV_REG
VDD_HV_AD1
VDD_HV_AD0
VDD_HV_FL
VDD_HV_OSC
VDD_HV_IOx
SR
Maximum amplitude
Device settings
chosen for worst-case
emissions from typical
use configuration2
2 Design target only, subject to change after silicon characterization.
——
TBD
dBµV
6
VDD_HV_REG
VDD_HV_AD1
VDD_HV_AD0
VDD_HV_FL
VDD_HV_OSC
VDD_HV_IOx
SR
Maximum amplitude
No PLL frequency
modulation
——
TBD
dBµV
7
VDD_HV_REG
VDD_HV_AD1
VDD_HV_AD0
VDD_HV_FL
VDD_HV_OSC
VDD_HV_IOx
SR
Maximum amplitude
± 2% PLL frequency
modulation
——
TBD
dBµV
8TA
SR
Operating
temperature
—
–40
—
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com