công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF0MLQ8R bảng dữ liệu(PDF) 69 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF0MLQ8R
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MLQ8R bảng dữ liệu(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF0MLQ8R Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
69
×
3.12
FMPLL electrical characteristics
Table 18. Main oscillator electrical characteristics
Symbol
Parameter
Conditions1
NOTES:
1 V
DD = 3.3 V ±10%, TJ = –40 to +150 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
fXOSCHS
SR Oscillator frequency
—
4.0
—
40.0
MHz
gmXOSCHS
P
Oscillator
transconductance
VDD =3.3 V ±10%
4.5
—
11
mA/V
VXOSCHS
D
Oscillation amplitude
fOSC = 4, 8, 10, 12, 16 MHz
1.3
—
—
V
fOSC =40MHz
1.1
—
—
VXOSCHSOP D
Oscillation operating
point
—
—
0.82
—
V
IXOSCHS
D Oscillator consumption
—
—
—
3.5
mA
TXOSCHSSU
T
Oscillator start-up time
fOSC = 4, 8, 10, 12 MHz,
OSCILLATOR_MARGIN = 0
——
6
ms
fOSC =16, 40 MHz,
OSCILLATOR_MARGIN = 1
——
2
VIH
SR
Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
0.65 × VDD
—VDD +0.4
V
VIL
SR
Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
–0.4
—
0.35 × VDD
V
Table 19. FMPLL electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fREF_CRYSTAL
fREF_EXT
D
PLL reference frequency range1
Crystal reference
4—
40
MHz
fPLL_IN
D
Phase detector input frequency
range (after pre-divider)
—4
—
16
MHz
fFMPLLOUT D
Clock frequency range in normal
mode
—4
—
1202
MHz
fFREE
P
Free running frequency
Measured using clock division
(typically
÷16)
20
—
150
MHz
fsys
D On-chip PLL frequency2
—
16
—
120
MHz
tCYC
D System clock period
—
—
—
1 / fsys
ns
fLORL
fLORH
D
Loss of reference frequency
window3
Lower limit
1.6
—
3.7
MHz
Upper limit
24
—
56
fSCM
D Self-clocked mode frequency4,5
—20
—
TBD
MHz
tLOCK
P
Lock time
Stable oscillator (fPLLIN = 4 MHz),
stable VDD
—
—
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com