công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF0MLQ8R bảng dữ liệu(PDF) 41 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF0MLQ8R
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MLQ8R bảng dữ liệu(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF0MLQ8R Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
Package pinouts and signal descriptions
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
41
2.2.3
System pins
Table 6 and Table 7 contain information on pin functions for this device. The pins listed in Table 6 are single-function pins. The
pins shown in Table 7 are multi-function pins, programmable via their respective Pad Configuration Register (PCR) values.
2.2.4
Pin muxing
Table 7 defines the pin list and muxing for this device.
Each row of Table 7 shows all the possible configurations for each pin, via the alternate functions. The alternate functions are
shown in the Alternate Function column and are labeled ALT0, ALT1, ALT2, and ALT3. The default function assigned to each
pin after reset is indicated by ALT0.
Some pins have more than four alternate functions. These additional alternate functions are shown in the Other Functions
column. This column also contains information related to the External Interrupt capability and the boot configuration. Pins
marked as external interrupt capable can also be used to resume from STOP and HALT mode.
NOTE
Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or
voltage may cause unpredictable device behavior or damage.
Pins labeled “Reserved” are to be tied to ground. Not doing so may cause unpredictable
device behavior.
Table 6. System pins
Symbol
Description
Direction
Package
144-
pin
257-
ball
Dedicated pins
MDO0
Nexus Message Data Output — line 0
Output only
9
E1
NMI
Non Maskable Interrupt
Input only
1
E4
XTALIN
Input for oscillator amplifier circuit and internal clock generator
Input only
29
N1
XTALOUT
Oscillator amplifier output
Output only
30
R1
TMS
JTAG state machine control
Input only
87
M16
TCK
JTAG clock
Input only
88
L15
JCOMP
JTAG compliance select
Input only
123
C10
Reset pin
RESET
Bidirectional reset with Schmitt-Trigger characteristics and noise filter. This
pin has medium drive strength.
Bidirectional
31
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com