công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF0MMM1R bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF0MMM1R
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MMM1R bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  SPC5643LFF0MMM1R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
2
Table of Contents
1
Overview. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
1.1
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
1.2
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
1.3
Feature details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
1.3.1
High-performance e200z4d core . . . . . . . . . . . . .7
1.3.2
Crossbar switch (XBAR) . . . . . . . . . . . . . . . . . . .8
1.3.3
Memory Protection Unit (MPU) . . . . . . . . . . . . . .8
1.3.4
Enhanced Direct Memory Access (eDMA) . . . . .8
1.3.5
On-chip flash memory with ECC . . . . . . . . . . . . .9
1.3.6
On-chip SRAM with ECC. . . . . . . . . . . . . . . . . . .9
1.3.7
Platform flash controller . . . . . . . . . . . . . . . . . . . .9
1.3.8
Platform Static RAM Controller (SRAMC) . . . . .10
1.3.9
Memory subsystem access time . . . . . . . . . . . .10
1.3.10 Error Correction Status Module (ECSM) . . . . . .11
1.3.11 Peripheral bridge (PBRIDGE/AIPS-Lite) . . . . . .11
1.3.12 Interrupt Controller (INTC) . . . . . . . . . . . . . . . . .11
1.3.13 System clocks and clock generation . . . . . . . . .12
1.3.14 Frequency-Modulated Phase-Locked Loop (FMPLL)12
1.3.15 Main oscillator . . . . . . . . . . . . . . . . . . . . . . . . . .12
1.3.16 Internal Reference Clock (RC) oscillator . . . . . .13
1.3.17 Clock, reset, power, mode and test control module13
1.3.18 Periodic Interrupt Timer Module (PIT) . . . . . . . .13
1.3.19 System Timer Module (STM). . . . . . . . . . . . . . .13
1.3.20 Software Watchdog Timer (SWT) . . . . . . . . . . .13
1.3.21 Fault Collection and Control Unit (FCCU) . . . . .14
1.3.22 System Integration Unit Lite (SIUL) . . . . . . . . . .14
1.3.23 Non-Maskable Interrupt (NMI) . . . . . . . . . . . . . .14
1.3.24 Boot Assist Module (BAM). . . . . . . . . . . . . . . . .14
1.3.25 System Status and Configuration Module (SSCM) 15
1.3.26 FlexCAN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
1.3.27 FlexRay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16
1.3.28 Serial communication interface module (LINFlex)16
1.3.29 Serial Peripheral Interface module (DSPI). . . . .17
1.3.30 FlexPWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
1.3.31 eTimer module. . . . . . . . . . . . . . . . . . . . . . . . . .18
1.3.32 Sine Wave Generator (SWG) . . . . . . . . . . . . . .18
1.3.33 Analog-to-Digital Converter module (ADC) . . . .19
1.3.34 Cross Triggering Unit (CTU) . . . . . . . . . . . . . . .19
1.3.35 Cyclic Redundancy Checker (CRC) Unit . . . . . .20
1.3.36 Redundancy Control and Checker Unit (RCCU)20
1.3.37 Junction temperature sensor . . . . . . . . . . . . . . .20
1.3.38 Nexus Port Controller (NPC) . . . . . . . . . . . . . . .20
1.3.39 IEEE 1149.1 JTAG Controller (JTAGC) . . . . . . 21
1.3.40 Voltage regulator / Power Management Unit (PMU)22
1.3.41 Built-In Self-Test (BIST) capability . . . . . . . . . . 22
2
Package pinouts and signal descriptions . . . . . . . . . . . . . . . 22
2.1
Package pinouts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
2.2
Pin descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
2.2.1
Concatenated pins . . . . . . . . . . . . . . . . . . . . . . 25
2.2.2
Power supply and reference voltage pins. . . . . 38
2.2.3
System pins . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
2.2.4
Pin muxing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
3.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
3.2
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . 58
3.3
Recommended operating conditions . . . . . . . . . . . . . . 59
3.4
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 60
3.4.1
General notes for specifications at maximum
junction temperature. . . . . . . . . . . . . . . . . . . . . 61
3.5
Electromagnetic Interference (EMI) characteristics . . . 63
3.6
Electrostatic discharge (ESD) characteristics . . . . . . . 63
3.7
Static latch-up (LU) . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
3.8
Voltage regulator electrical characteristics . . . . . . . . . 64
3.9
DC electrical characteristics . . . . . . . . . . . . . . . . . . . . 66
3.10 Temperature sensor electrical characteristics . . . . . . . 67
3.11 Main oscillator electrical characteristics . . . . . . . . . . . 68
3.12 FMPLL electrical characteristics . . . . . . . . . . . . . . . . . 69
3.13 16 MHz RC oscillator electrical characteristics . . . . . . 71
3.14 ADC electrical characteristics . . . . . . . . . . . . . . . . . . . 72
3.14.1 Input Impedance and ADC Accuracy . . . . . . . . 72
3.15 Flash memory electrical characteristics . . . . . . . . . . . 77
3.16 AC specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
3.16.1 Pad AC specifications. . . . . . . . . . . . . . . . . . . . 78
3.17 AC timing characteristics . . . . . . . . . . . . . . . . . . . . . . . 79
3.17.1 RESET pin characteristics . . . . . . . . . . . . . . . . 79
3.17.2 IEEE 1149.1 interface timing . . . . . . . . . . . . . . 80
3.17.3 Nexus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 82
3.17.4 External interrupt timing (IRQ pin) . . . . . . . . . . 84
3.17.5 FlexCAN timing . . . . . . . . . . . . . . . . . . . . . . . . 85
3.17.6 DSPI timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
4
Package characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
4.1
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . 92
5
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
6
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com