công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF0MMM1R bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF0MMM1R
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MMM1R bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF0MMM1R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5643LFF0MMM1R Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
Overview
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
•
Input frequency range 4–40 MHz
•
Crystal input mode
•
External reference clock (3.3 V) input mode
•
PLL reference
1.3.16
Internal Reference Clock (RC) oscillator
The architecture uses constant current charging of a capacitor. The voltage at the capacitor is compared to the stable bandgap
reference voltage. The RC oscillator is the device safe clock.
The RC oscillator provides these features:
•
Nominal frequency 16 MHz
•
±5% variation over voltage and temperature after process trim
•
Clock output of the RC oscillator serves as system clock source in case loss of lock or loss of clock is detected by the
PLL
•
RC oscillator is used as the default system clock during startup and can be used as back-up input source of PLL(s) in
case XOSC fails
1.3.17
Clock, reset, power, mode and test control module
The Clock, Reset, Power, Mode and Test control module has the following features:
•
Clock gating and clock distribution control
•
Halt, stop mode control
•
Flexible configurable System and auxiliary clock dividers
•
Various execution modes
— Reset, Idle, Test, Safe
— Various RUN modes with software selectable powered modules
— No stand-by mode implemented (no internal switchable power domains)
1.3.18
Periodic Interrupt Timer Module (PIT)
The PIT module implements the following features:
•
Four general purpose interrupt timers
•
32-bit counter resolution
•
32-bit counter for real time interrupt, clocked from main external oscillator
•
Can be used for software tick or DMA trigger operation
1.3.19
System Timer Module (STM)
The STM implements the following features:
•
Up-counter with four output compare registers
•
OS task protection and hardware tick implementation per AutoSar requirement
The STM is replicated for each processor.
1.3.20
Software Watchdog Timer (SWT)
This module implements the following features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com