| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC9RS08KA2J3CSC bảng dữ liệu(PDF) 123 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2J3CSC bảng dữ liệu(HTML) 123 Page - Freescale Semiconductor, Inc |
|
123 / 134 page ![]() SC9RS08KA2 Series Data Sheet, Rev. 1 Freescale Semiconductor 123 Appendix B Ordering Information and Mechanical Drawings B.1 Ordering Information This section contains ordering numbers for SC9RS08KA2 Series devices. See below for an example of the device numbering system. B.2 Mechanical Drawings This following pages contain mechanical specifications for SC9RS08KA2 Series package options: • 6-pin DFN (dual flat no-lead) • 8-pin PDIP (plastic dual in-line pin) • 8-pin NB-SOIC (narrow body small outline integrated circuit) Table B-1. Device Numbering System Device Number Memory Package FLASH RAM Type Designator Document No. SC9RS08KA2 SC9RS08KA1 2 KB 1 KB 63 bytes 6 DFN DB 98ARL10602D 8 PDIP PC 98ASB42420B 8 NB-SOIC SC 98ASB42564B SC Temperature range Family Memory Status Core (C = –40 °C to 85 °C) (9 = FLASH-based) 9 RS08 KA XX (SC = Semi-Customer) Package designator (See Table B-1) 2 Memory designator (2 = 2 KB) C (1 = 1 KB) 3 J (3 = Revision 3) (J = TSMC3) |