| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC9RS08KA2J3CSC bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2J3CSC bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 134 page ![]() Chapter 8 Central Processor Unit (RS08CPUV1) SC9RS08KA2 Series Data Sheet, Rev. 1 72 Freescale Semiconductor SUB #opr8i SUB opr8a SUB opr4a SUB ,X (1) SUB X Subtract A ← (A) – (M) A ← (A) – (X) IMM DIR TNY IX DIR A0 B0 7x 7E 7F ii dd 2 3 3 3 3 TAX(1) Transfer A to X X ← (A) —INH EF 2 TST opr8a (1) TSTA (1) TST ,X (1) TSTX (1) Test for Zero (M) – $00 (A) – $00 (X) – $00 — DD INH IX INH 4E AA 4E 4E dd dd 00 0E 0E 0F 0F 5 2 5 5 TXA(1) Transfer X to A A ← (X) — INH CF 3 WAIT Put MCU into WAIT mode ——INH AF 2+ Table 8-1. Instruction Set Summary (Sheet 6 of 6) Source Form Description Operation Effect on CCR ZC 1. This is a pseudo instruction supported by the normal RS08 instruction set. 2. This instruction is different from that of the HC08 and HCS08 in that the RS08 does not auto-increment the index register. |