công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC11CPU bảng dữ liệu(PDF) 14 Page - Motorola, Inc

tên linh kiện M68HC11CPU
Giải thích chi tiết về linh kiện  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU bảng dữ liệu(HTML) 14 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 10Page - Motorola, Inc M68HC11CPU Datasheet HTML 11Page - Motorola, Inc M68HC11CPU Datasheet HTML 12Page - Motorola, Inc M68HC11CPU Datasheet HTML 13Page - Motorola, Inc M68HC11CPU Datasheet HTML 14Page - Motorola, Inc M68HC11CPU Datasheet HTML 15Page - Motorola, Inc M68HC11CPU Datasheet HTML 16Page - Motorola, Inc M68HC11CPU Datasheet HTML 17Page - Motorola, Inc M68HC11CPU Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–14
The M68HC16 Family
The M68HC16 family is designed for embedded control
applications. Each M68HC16 MCU incorporates a true 16–bit
CPU module (CPU16) that is upwardly code–compatible with
the M68HC11 CPU, a sophisticated integration module, and
a number of special–purpose modules. M68HC16 devices
can be placed in low–power stop mode to minimize power
consumption during periods of inactivity. The M68HC16 family
provides the flexibility and features of the M68300 family, and
also provides a convenient way for users of M68HC11 devices
to move up to 16–bit performance.
Figure 4. MC68HC16Z1 Block Diagram
RXD
GPT
QSM
IMB
ADC
SRAM
CPU16
CHIP
SELECT
SIM
EBI
CLOCK
TEST
CS0–CS10
DATA [0:15]
ADDR [0:18]
IRQ [1:7]
MODCK
CSBOOT
FREEZE
ADDR [19:23]
MISO
MOSI
SS
PSC1
PSC2
PCS0
TXD
SCK
PSC3
TXD
PSC1
PSC2
PSC3
SCK
MISO
MOSI
OC1
OC2/OC1
OC3/OC1
OC4/OC1
IC4/OC5/OC1
IC3
IC2
IC1
OC1
OC2/OC1
OC3/OC1
OC4/OC1
IC4/OC5/OC1
IC3
IC2
IC1
PWMA
PWMB
PCLK
PAI
VDDA
VSSA
VDD
VSS
ADA0
ADA1
ADA2
ADA3
ADA4
ADA5
ADA6
ADA7
V
V
RH
RL
PCS0/SS
IPIPE0/DSO
IPIPE1/DSI
BKPT/DSCLK
VSTBY
ADA0
ADA1
ADA2
ADA3
ADA4
ADA5
ADA6
ADA7
DSCLK
DSO
DSI
IPIPE1
IPIPE0
BKPT
TSTME
TSC
QUOT
DSACK0
DSACK1
AVEC
PF3
DS
AS
SIZO
SIZ1
BR
BG
BGACK
FC0
FC1
FC2
BR/CS0
BG/CS1
BGACK/CS2
FC0/CS3
FC1/CS4
FC2/CS5
ADDR19/CS6
ADDR20/CS7
ADDR21/CS8
ADDR22/CS9
ADDR23/CS10
DSACK0
DSACK1
AVEC
DS
AS
SIZ0
SIZ1
R/W
RESET
HALT
BERR
MODCK
IRQ1
IRQ2
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
CLKOUT
XTAL
EXTAL
XFC
V
TSTME/TSC
FREEZE/QUOT
DDSYN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31