| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC11CPU bảng dữ liệu(PDF) 9 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC11CPU bảng dữ liệu(HTML) 9 Page - Motorola, Inc |
|
9 / 31 page ![]() Motorola Master Selection Guide Single-Chip Microcontrollers (AMCU) 2.6–9 Definitions for Tables 3 and 4 General Definitions Package Definitions ADC Analog to Digital Converter Module FB 10x10 mm Quad Flat Pack (QFP) A/D Analog to Digital Converter FC Fine Pitch Plastic Quad Flat Pack (PQFP) CPU16 16 bit Central Processing Unit FD Plastic Quad Flat Pack in Molded Carrier Ring CPU32 32 bit Central Processing Unit FE Ceramic Quad Flat Pack (CQFP) D/A Digital to Analog Converter FM Molded Carrier Flat Pack (CQFP) DMA Direct Memory Access FN Plastic Leaded Chip Carrier (PLCC) GPT General–Purpose Timer FS Windowed Cerquad (Ceramic LCC) IC Input Capture FT 28x28 mm Quad Flat Pack (QFP) IIC Inter–Integrated Circuit FU 14x14 mm Quad Flat Pack (QFP) MCCI Multi–Channel Communication Interface FV 20x20 mm Quad Flat Pack (QFP) PLL Phase Lock Loop L Ceramic OC Output Capture P Dual–in–Line Plastic POQ Preferred Order Quantity Multiple PB Thin Quad Flat Pack (TQFP) 10x10 mm PWM Pulse Width Modulation PU Thin Quad Flat Pack (TQFP) 14x14 mm QSM Queued Serial Module PV Thin Quad Flat Pack (TQFP) 20x20mm RPSCIM Reduced Pin Count SCIM S Cerdip (windowed or non–windowed) RTC Real–Time Clock TH 16x16 mm Quad Flat Pack (QFP) RTI Real–Time Interrupt SCI Serial Communication Interface SCIM Single Chip Integration Module SIM System Integration Module SPI Serial Peripheral Interface TPU Time Processing Unit UART Universal Asynchronous Receiver/Transmitter WDOG Watch Dog Timer |