công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4152T-103I/ML bảng dữ liệu(PDF) 59 Page - Microchip Technology

tên linh kiện MCP4152T-103I/ML
Giải thích chi tiết về linh kiện  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-103I/ML bảng dữ liệu(HTML) 59 Page - Microchip Technology

Back Button MCP4152T-103I/ML Datasheet HTML 55Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 56Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 57Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 58Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 59Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 60Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 61Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 62Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 59
MCP413X/415X/423X/425X
8.0
APPLICATIONS EXAMPLES
Digital potentiometers have a multitude of practical
uses in modern electronic circuits. The most popular
uses include precision calibration of set point thresh-
olds, sensor trimming, LCD bias trimming, audio atten-
uation, adjustable power supplies, motor control
overcurrent trip setting, adjustable gain amplifiers and
offset
trimming.
The
MCP413X/415X/423X/425X
devices can be used to replace the common mechani-
cal trim pot in applications where the operating and
terminal voltages are within CMOS process limitations
(VDD = 2.7V to 5.5V).
8.1
Split Rail Applications
All inputs that would be used to interface to a Host
Controller support High Voltage on their input pin. This
allows the MCP4XXX device to be used in split power
rail applications.
An example of this is a battery application where the
PIC® MCU is directly powered by the battery supply
(4.8V) and the MCP4XXX device is powered by the
3.3V regulated voltage.
For SPI applications, these inputs are:
•CS
•SCK
• SDI (or SDI/SDO)
• SHDN
Figure 8-1 through Figure 8-2 show three example split
rail systems. In this system, the MCP4XXX interface
input signals need to be able to support the PIC MCU
output high voltage (VOH).
In Example #1 (Figure 8-1), the MCP4XXX interface
input signals need to be able to support the PIC MCU
output high voltage (VOH). If the split rail voltage delta
becomes too large, then the customer may be required
to do some level shifting due to MCP4XXX VOH levels
related to Host Controller VIH levels.
In Example #2 (Figure 8-2), the MCP4XXX interface
input signals need to be able to support the lower
voltage of the PIC MCU output high voltage level (VOH).
Table 8-1 shows an example PIC microcontroller I/O
voltage
specifications
and
the
MCP4XXX
specifications. So this PIC MCU operating at 3.3V will
drive a VOH at 2.64V, and for the MCP4XXX operating
at 5.5V, the VIH is 2.47V. Therefore, the interface
signals meet specifications.
FIGURE 8-1:
Example Split Rail
System 1.
FIGURE 8-2:
Example Split Rail
System 2.
TABLE 8-1:
VOH - VIH COMPARISONS
PIC (1)
MCP4XXX (2)
Comment
VDD
VIH
VOH VDD
VIH
VOH
5.5
4.4
4.4
2.7
1.215 — (3)
5.0
4.0
4.0
3.0
1.35
— (3)
4.5
3.6
3.6
3.3
1.485 — (3)
3.3
2.64 2.64 4.5
2.025 — (3)
3.0
2.4
2.4
5.0
2.25
— (3)
2.7
2.16 2.16 5.5
2.475 — (3)
Note 1: VOH minimum = 0.8 * VDD;
VOL maximum = 0.6V
VIH minimum = 0.8 * VDD;
VIL maximum = 0.2 * VDD;
2: VOH minimum (SDA only) =;
VOL maximum = 0.2 * VDD
VIH minimum = 0.45 * VDD;
VIL maximum = 0.2 * VDD
3: The only MCP4XXX output pin is SDO,
which is Open-Drain (or Open-Drain with
Internal Pull-up) with High Voltage Support
Voltage
Regulator
5V
3V
PIC MCU
MCP4XXX
SDI
CS
SCK
SHDN
SDI
CS
SCK
SHDN
SDO
SDO
Voltage
Regulator
3V
5V
PIC MCU
MCP4XXX
SDI
CS
SCK
SHDN
SDI
CS
SCK
SHDN
SDO
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com