công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4152T-103I/ML bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện MCP4152T-103I/ML
Giải thích chi tiết về linh kiện  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-103I/ML bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button MCP4152T-103I/ML Datasheet HTML 21Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 22Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 23Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 24Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 25Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 26Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 27Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 28Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 25
MCP413X/415X/423X/425X
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-42:
100 k
Ω Pot Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 5.5V).
FIGURE 2-43:
100 k
Ω Pot Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 3.0V).
FIGURE 2-44:
100 k
Ω Pot Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 1.8V).
FIGURE 2-45:
100 k
Ω Rheo Mode – R
W
(
Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 5.5V).
FIGURE 2-46:
100 k
Ω Rheo Mode – R
W
(
Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 3.0V).
FIGURE 2-47:
100 k
Ω Rheo Mode – R
W
(
Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 1.8V).
20
40
60
80
100
120
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-0.2
-0.1
0
0.1
0.2
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
20
60
100
140
180
220
260
300
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
0
5000
10000
15000
20000
25000
0
64
128
192
256
Wiper Setting (decimal)
-0.35
-0.25
-0.15
-0.05
0.05
0.15
0.25
0.35
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
Note:
Refer to AN1080 for additional informa-
tion on the characteristics of the wiper
resistance (RW) with respect to device
voltage and wiper setting value.
20
40
60
80
100
120
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
20
60
100
140
180
220
260
300
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
0
5000
10000
15000
20000
25000
0
64
128
192
256
Wiper Setting (decimal)
-1
4
9
14
19
24
29
34
39
44
49
54
59
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
Note:
Refer to AN1080 for additional informa-
tion on the characteristics of the wiper
resistance (RW) with respect to device
voltage and wiper setting value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com