| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP23009T-E/P bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23009T-E/P bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 50 page ![]() MCP23009/MCP23S09 DS22121B-page 12 © 2009 Microchip Technology Inc. FIGURE 1-5: HARDWARE ADDRESS DECODE TIMING 1.4.2 ADDRESSING I2C DEVICES (MCP23009) The MCP23009 is a slave I2C device that supports 7- bit slave addressing, with the read/write bit filling out the control byte. The slave address contains four fixed bits and three user-defined hardware address bits (configured via ADDR pin). Figure 1-6 shows the control byte format. 1.4.3 ADDRESSING SPI DEVICES (MCP23S09) The MCP23S09 is a slave SPI device. The slave address contains seven fixed bits(no address bits) with the read/write bit filling out the control byte. Figure 1-7 shows the control byte format. FIGURE 1-6: I2C™ CONTROL BYTE FORMAT FIGURE 1-7: SPI CONTROL BYTE FORMAT VDD adc_en i2c_addr[2:0] i2c_clk tADEN tADDRLAT tADDIS S 0 1 0 0 A2A1A0 R/W ACK Start bit Slave Address R/W bit ACK bit Control Byte R/W = 0 = write R/W = 1 = read 0 10000 0 R/W Slave Address R/W bit Control Byte R/W = 0 = write R/W = 1 = read CS |