| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP23009T-E/P bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23009T-E/P bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 50 page ![]() MCP23009/MCP23S09 DS22121B-page 26 © 2009 Microchip Technology Inc. 1.6.11 OUTPUT LATCH REGISTER (OLAT) The OLAT register provides access to the output latches. A read from this register results in a read of the OLAT and not the port itself. A write to this register modifies the output latches that modifies the pins configured as outputs. REGISTER 1-11: OLAT – OUTPUT LATCH REGISTER 0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 OL7 OL6 OL5 OL4 OL3 OL2 OL1 OL0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 OL7:OL0: Reflects the logic level on the output latch <7:0>. 1 =Logic-high 0 = Logic-low |