| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4541-502E/ML bảng dữ liệu(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-502E/ML bảng dữ liệu(HTML) 68 Page - Microchip Technology |
|
68 / 92 page ![]() MCP454X/456X/464X/466X DS22107A-page 68 © 2008 Microchip Technology Inc. 8.2 Using Shutdown Figure 8-3 shows a possible application circuit where the independent terminals could be used. Disconnect- ing the wiper allows the transistor input to be taken to the Bias voltage level (disconnecting A and or B may be desired to reduce system current). Disconnecting Terminal A modifies the transistor input by the RBW rheostat value to the Common B. Disconnecting Terminal B modifies the transistor input by the RAW rheostat value to the Common A. The Common A and Common B connections could be connected to VDD and VSS. FIGURE 8-3: Example Application Circuit using Terminal Disconnects. 8.3 Software Reset Sequence At times it may become necessary to perform a Soft- ware Reset Sequence to ensure the MCP45XX/46XX device is in a correct and known I2C Interface state. This technique only resets the I2C state machine. This is useful if the MCP45XX/46XX device powers up in an incorrect state (due to excessive bus noise, ...), or if the Master Device is reset during communication. Figure 8-4 shows the communication sequence to soft- ware reset the device. FIGURE 8-4: Software Reset Sequence Format. The 1st Start bit will cause the device to reset from a state in which it is expecting to receive data from the Master Device. In this mode, the device is monitoring the data bus in Receive mode and can detect the Start bit forces an internal Reset. The nine bits of ‘1’ are used to force a Reset of those devices that could not be reset by the previous Start bit. This occurs only if the MCP45XX/46XX is driving an A bit on the I2C bus, or is in output mode (from a Read command) and is driving a data bit of ‘0’ onto the I2C bus. In both of these cases, the previous Start bit could not be generated due to the MCP45XX/46XX holding the bus low. By sending out nine ‘1’ bits, it is ensured that the device will see a A bit (the Master Device does not drive the I2C bus low to acknowledge the data sent by the MCP45XX/46XX), which also forces the MCP45XX/46XX to reset. The 2nd Start bit is sent to address the rare possibility of an erroneous write. This could occur if the Master Device was reset while sending a Write command to the MCP45XX/46XX, AND then as the Master Device returns to normal operation and issues a Start condition while the MCP45XX/46XX is issuing an Acknowledge. In this case, if the 2nd Start bit is not sent (and the Stop bit was sent) the MCP45XX/46XX could initiate a write cycle. The Stop bit terminates the current I2C bus activity. The MCP45XX/46XX wait to detect the next Start condition. This sequence does not effect any other I2C devices which may be on the bus, as they should disregard this as an invalid command. Note: This technique is documented in AN1028. Balance Bias W B Input Input To base of Transistor (or Amplifier) A Common B Common A Note: The potential for this erroneous write ONLY occurs if the Master Device is reset while sending a Write command to the MCP45XX/46XX. S ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ S P Start bit Nine bits of ‘1’ Start bit Stop bit |