| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4541-502E/ML bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-502E/ML bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 92 page ![]() MCP454X/456X/464X/466X DS22107A-page 38 © 2008 Microchip Technology Inc. 4.2.1 NON-VOLATILE MEMORY (EEPROM) This memory can be grouped into two uses of non-vol- atile memory. These are: • General Purpose Registers • Non-Volatile Wiper Registers The non-volatile wipers starts functioning below the devices VPOR/VBOR trip point. 4.2.1.1 General Purpose Registers These locations allow the user to store up to 10 (9-bit) locations worth of information. 4.2.1.2 Non-Volatile Wiper Registers These locations contain the wiper values that are loaded into the corresponding volatile wiper register whenever the device has a POR/BOR event. There are up to two registers, one for each resistor network. The non-volatile wiper register enables stand-alone operation of the device (without Microcontroller control) after being programmed to the desired value. 4.2.1.3 Factory Initialization of Non-Volatile Memory (EEPROM) The Non-Volatile Wiper values will be initialized to mid-scale value. This is shown in Table 4-2. The General purpose EEPROM memory will be programmed to a default value of 0xFF. It is good practice in the manufacturing flow to configure the device to your desired settings. TABLE 4-2: DEFAULT FACTORY SETTINGS SELECTION 4.2.1.4 Special Features There are 3 non-volatile bits that are not directly mapped into the address space. These bits control the following functions: • EEPROM Write Protect • WiperLock Technology for Non-Volatile Wiper 0 • WiperLock Technology for Non-Volatile Wiper 1 The operation of WiperLock Technology is discussed in Section 5.3. The state of the WL0, WL1, and WP bits is reflected in the STATUS register (see Register 4-1). EEPROM Write Protect All internal EEPROM memory can be Write Protected. When EEPROM memory is Write Protected, Write commands to the internal EEPROM are prevented. Write Protect (WP) can be enabled/disabled by two methods. These are: • External WP Hardware pin (MCP46X1 devices only) • Non-Volatile configuration bit High Voltage commands are required to enable and disable the nonvolatile WP bit. These commands are shown in Section 7.8 “Modify Write Protect or Wip- erLock Technology (High Voltage)”. To write to EEPROM, both the external WP pin and the internal WP EEPROM bit must be disabled. Write Protect does not block commands to the volatile registers. 4.2.2 VOLATILE MEMORY (RAM) There are four Volatile Memory locations. These are: • Volatile Wiper 0 • Volatile Wiper 1 (Dual Resistor Network devices only) • Status Register • Terminal Control (TCON) Register The volatile memory starts functioning at the RAM retention voltage (VRAM). Wiper Code 8-bit 7-bit -502 5.0 k Ω Mid-scale 80h 40h Disabled -103 10.0 k Ω Mid-scale 80h 40h Disabled -503 50.0 k Ω Mid-scale 80h 40h Disabled -104 100.0 k Ω Mid-scale 80h 40h Disabled |