công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT048A320T009TP bảng dữ liệu(PDF) 8 Page - Vicor Corporation

tên linh kiện VT048A320T009TP
Giải thích chi tiết về linh kiện  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A320T009TP bảng dữ liệu(HTML) 8 Page - Vicor Corporation

Back Button VT048A320T009TP Datasheet HTML 3Page - Vicor Corporation VT048A320T009TP Datasheet HTML 4Page - Vicor Corporation VT048A320T009TP Datasheet HTML 5Page - Vicor Corporation VT048A320T009TP Datasheet HTML 6Page - Vicor Corporation VT048A320T009TP Datasheet HTML 7Page - Vicor Corporation VT048A320T009TP Datasheet HTML 8Page - Vicor Corporation VT048A320T009TP Datasheet HTML 9Page - Vicor Corporation VT048A320T009TP Datasheet HTML 10Page - Vicor Corporation VT048A320T009TP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Voltage Transformation Module
VT048A320T009FP
vicorpower.com
Rev. 1.0
Page 8 of 11
APPLICATION NOTES (CONT.)
Figure 11 — The PRM controls the factorized bus voltage, Vf, in proportion to output current to compensate for the output resistance, Ro, of the VTM. The VTM
output voltage is typically within 1% of the desired load voltage (VL) over all line and load conditions.
L
O
A
D
Factorized
Bus (Vf)
Vo = VL ± 1.0%
(Io•Ro)
K
Vf = V
L +
K
Vin
ROS
RCD
VTM
+IN
+OUT
-OUT
+OUT
-OUT
-IN
TM
VC
PC
PRM-AL
VH
SC
SG
OS
NC
CD
VC
PC
TM
IL
NC
PR
+IN
+OUT
-OUT
-IN
FPA ADAPTIVE LOOP
Figure 12 — An external error amplifier or Point-of-Load IC (POLIC) senses the load voltage and controls the PRM output – the Factorized Bus – as a function of
output current, compensating for the output resistance of the VTM and for distribution resistance.
Remote
Loop
Control
Vf = f (Vs)
L
O
A
D
Factorized
Power Bus
Vo = VL ± 0.4%
+S
–S
Vin
VTM
+IN
+OUT
-OUT
+OUT
-OUT
-IN
TM
VC
PC
PRM-AL
VH
SC
SG
OS
NC
CD
VC
PC
TM
IL
NC
PR
+IN
+OUT
-OUT
-IN
FPA NON-ISOLATED REMOTE LOOP
In figures below;
K = VTM transformation ratio
Vf = PRM output (Factorized Bus Voltage)
RO = VTM output resistance
VO = VTM output
VL = Desired load voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com