| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC2F35E2 bảng dữ liệu(PDF) 23 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC2F35E2 bảng dữ liệu(HTML) 23 Page - Megawin Technology Co., Ltd |
|
23 / 46 page ![]() MEGAWIN MPC2F35_USB Data Sheet 23 IEN1: USB Interrupt Enable Register Read/Write Address: 10H Default: XXXX_0X0X System Reset Bit Number Bit Mnemonic Function 7 - Reserved: Write “one” to this bit. 6 - Reserved: Write zero to this bit. 5 - Reserved: Write zero to this bit. 4 - Reserved: Write zero to this bit. 3 EFSR Enable Function Suspend/Resume: Function suspend/resume/USB reset interrupt enable bit. 2 - Reserved: Write zero to this bit. 1 EF Enable Function: Transmit/receive done interrupt enable bit for USB function endpoints. 0 - Reserved: Write zero to this bit. |