| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC2F35 bảng dữ liệu(PDF) 25 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC2F35 bảng dữ liệu(HTML) 25 Page - Megawin Technology Co., Ltd |
|
25 / 46 page ![]() MEGAWIN MPC2F35_USB Data Sheet 25 EPCON: Endpoint Control Register (Endpoint-Indexed) Read/Write Address: 21H Default: 00XX_X0X0 System Reset or USB Reset Bit Number Bit Mnemonic Function 7 RXSTL Stall Receive Endpoint: Set this bit to stall the receive endpoint. 6 TXSTL Stall Transmit Endpoint: Set this bit to stall the transmit endpoint. 5 - Reserved: Write zero to this bit. 4 - Reserved: Write zero to this bit. 3 - Reserved: Write “one” to this bit. 2 RXEPEN Receive Endpoint Enable: Set this bit to enable the receive endpoint. When disabled, the endpoint does not respond to a valid OUT or SETUP token. 1 - Reserved: Write “one” to this bit. 0 TXEPEN Transmit Endpoint Enable: This bit is used to enable the transmit endpoint. When disabled, the endpoint does not respond to a valid IN token. |