công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC2F35 bảng dữ liệu(PDF) 10 Page - Megawin Technology Co., Ltd

tên linh kiện MPC2F35
Giải thích chi tiết về linh kiện  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEGAWIN [Megawin Technology Co., Ltd]
Trang chủ  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35 bảng dữ liệu(HTML) 10 Page - Megawin Technology Co., Ltd

Back Button MPC2F35 Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC2F35 Datasheet HTML 14Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
MPC2F35_USB Data Sheet
MEGAWIN
Overflow signal
WDT
Qw1
Qw2
Qw4
Qw3
RRRR
System Reset
S
R
Q
Hardware reset
WDT_CLR.7
WDT_ST.7
Fosc/2^18
System Control Registers
Power saving control
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
0200H
PWR_CTL
LVDT
-
-
-
-
-
CKC
HALT
-
√
LVDT: Low-voltage detector disable bit. 1: Disable, 0: Enable (default)
CKC: Oscillator control bit. 1: Disable OSC, 0: Enable OSC (default)
HALT: FCPU off-line control bit. 1: FCPU off-line, 0: FCPU on-line (default)
When the low-voltage detector is enabled, and if it senses the power voltage is lower than 3.3V, then
MPC2F35 will be reset automatically.
Programmer can switch the normal operation mode to the power-saving mode for reducing power
consumption through this register. There are two power saving modes in MPC2F35.
Stop mode: (PWR_CTL.CKC = 1)
System clock stops the built-in oscillator if setting the CKC bit in the PWR_CTL SFR. MPC2F35 can be
awakened from the stop mode by 4 ways: the port 3 interrupt, the hardware reset, the power-on reset
and the USB wake-up.
Halt mode: (PWR_CTL.HALT = 1)
Setting the HALT bit to let the clock source of MPC2F35 to be in the off-line status, but the oscillator
works or not will be depended on the content of the CKC bit in the PWR_CTL SFR.
MPC2F35 can be awakened from the halt mode by 3 ways: the interrupts (USB, Timer 0, Port3, INT0
and INT1) can be assigned by the RLH_EN register, the hardware reset, or the power-on reset.
FCPU selector
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com