| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT86VL30IV bảng dữ liệu(PDF) 39 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL30IV bảng dữ liệu(HTML) 39 Page - Exar Corporation |
|
39 / 62 page ![]() XRT86VL30 37 REV. 1.0.3 T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL 1.8V POWER SUPPLY PINS SIGNAL NAME 128-PIN# 80-PIN# TYPE DESCRIPTION DVDD1v8 4, 41, 56, 63, 78, 105 1, 23, 36, 65 PWR Framer Block Power Supply AVDD1v8 16 11 PWR VDDPLL1v8 20, 21 13, 14 PWR Analog Power Supply for PLL 3.3V POWER SUPPLY PINS SIGNAL NAME 128-PIN# 80-PIN# TYPE DESCRIPTION DVDD3v3 2, 37, 52, 92 80, 21, 28 PWR Framer Block Power Supply RVDD3v3 15 10 PWR Receiver Analog Power Supply for LIU Section TVDD3v3 7 4 PWR Transmitter Analog Power Supply for LIU Section GROUND PINS SIGNAL NAME 128-PIN# 80-PIN# TYPE DESCRIPTION DGND 5, 29, 48, 60, 72, 83, 87, 102, 109, 110 2, 27, 33, 62, 69, 70 GND Framer Block Ground AGND 17 12 GND Analog Ground for LIU Section RGND 12 7 GND Receiver Analog Ground for LIU Section TGND 9 6 GND Transmitter Analog Ground for LIU Section PLLGND 22, 23 15, 16 GND Analog Ground for PLL NO CONNECT PINS SIGNAL NAME 128-PIN# 80-PIN# TYPE DESCRIPTION NC 3, 34, 35, 66, 67, 98, 99 n/a NC Not Connected |