| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT86VL30IV bảng dữ liệu(PDF) 13 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL30IV bảng dữ liệu(HTML) 13 Page - Exar Corporation |
|
13 / 62 page ![]() XRT86VL30 11 REV. 1.0.3 T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL TxCHCLK 49 n/a O 8 Transmit Channel Clock Output Signal (TxCHCLK): The exact function of this pin depends on whether or not the transmit framer enables the transmit fractional/signaling inter- face to input fractional data, as described below. If transmit fractional/signaling interface is disabled: This pin indicates the boundary of each time slot of an out- bound DS1/E1 frame. In T1 mode, this output pin is a 192kHz clock which pulses "High" during the LSB of each 24 time slots. In E1 mode, this output pin is a 256kHz clock which pulses "High" during the LSB of each 32 time slots. The Ter- minal Equipment can use this clock signal to sample the TxCHN0 through TxCHN4 time slot identifier pins to deter- mine which time slot is being processed. If transmit fractional/signaling interface is enabled: TxCHCLK is the fractional interface clock which either outputs a clock signal for the time slot that has been configured to input fractional data, or outputs an enable signal for the frac- tional time slot so that fractional data can be clocked into the device using the TxSERCLK pin. NOTE: Transmit fractional interface can be enabled by programming to bit 4 - TxFr1544/TxFr2048 bit from register 0x0120 to ‘1’. This pin is internally pulled "Low" TRANSMIT SYSTEM SIDE INTERFACE SIGNAL NAME 128-PIN# 80-PIN# TYPE OUTPUT DRIVE(MA) DESCRIPTION |