công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5505 bảng dữ liệu(PDF) 29 Page - Cirrus Logic

tên linh kiện CS5505
Giải thích chi tiết về linh kiện  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 bảng dữ liệu(HTML) 29 Page - Cirrus Logic

Back Button CS5505_09 Datasheet HTML 25Page - Cirrus Logic CS5505_09 Datasheet HTML 26Page - Cirrus Logic CS5505_09 Datasheet HTML 27Page - Cirrus Logic CS5505_09 Datasheet HTML 28Page - Cirrus Logic CS5505_09 Datasheet HTML 29Page - Cirrus Logic CS5505_09 Datasheet HTML 30Page - Cirrus Logic CS5505_09 Datasheet HTML 31Page - Cirrus Logic CS5505_09 Datasheet HTML 32Page - Cirrus Logic CS5505_09 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
VD+ - Positive Digital Power, Pin 17 (20).
Positive digital supply voltage. Nominally +5 volts or 3.3 volts.
DGND - Digital Ground, Pin 16 (19).
Digital Ground.
Other
NC - No Connection, Pin 9.
Pin should be left floating.
SPECIFICATION DEFINITIONS
Linearity Error
The deviation of a code from a straight line which connects the two endpoints of the A/D
Converter transfer function. One endpoint is located 1/2 LSB below the first code transition
and the other endpoint is located 1/2 LSB beyond the code transition to all ones. Units in
percent of full-scale.
Differential Nonlinearity
The deviation of a code’s width from the ideal width. Units in LSBs.
Full Scale Error
The deviation of the last code transition from the ideal [{(VREF+) - (VREF-)} - 3
⁄2 LSB].
Units are in LSBs.
Unipolar Offset
The deviation of the first code transition from the ideal (1
⁄2 LSB above the voltage on the AIN-
pin.) when in unipolar mode (BP/UP low). Units are in LSBs.
Bipolar Offset
The deviation of the mid-scale transition (011...111 to 100...000) from the ideal (1
⁄2 LSB below
the voltage on the AIN- pin.) when in bipolar mode (BP/UP high). Units are in LSBs
CS5505/6/7/8
DS59F4
29
CS5505/6/7/8
DS59F6
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com