công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5505 bảng dữ liệu(PDF) 18 Page - Cirrus Logic

tên linh kiện CS5505
Giải thích chi tiết về linh kiện  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 bảng dữ liệu(HTML) 18 Page - Cirrus Logic

Back Button CS5505_09 Datasheet HTML 14Page - Cirrus Logic CS5505_09 Datasheet HTML 15Page - Cirrus Logic CS5505_09 Datasheet HTML 16Page - Cirrus Logic CS5505_09 Datasheet HTML 17Page - Cirrus Logic CS5505_09 Datasheet HTML 18Page - Cirrus Logic CS5505_09 Datasheet HTML 19Page - Cirrus Logic CS5505_09 Datasheet HTML 20Page - Cirrus Logic CS5505_09 Datasheet HTML 21Page - Cirrus Logic CS5505_09 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Analog Input Impedance Considerations
The analog input of the CS5505/6/7/8 can be
modeled as illustrated in Figure 8 (the model ig-
nores the multiplexer switch resistance).
Capacitors (15 pF each) are used to dynamically
sample each of the inputs (AIN+ and AIN-).
Every half XIN cycle the switch alternately con-
nects the capacitor to the output of the buffer
and then directly to the AIN pin. Whenever the
sample capacitor is switched from the output of
the buffer to the AIN pin, a small packet of
charge (a dynamic demand of current) is re-
quired from the input source to settle the voltage
of the sample capacitor to its final value. The
voltage on the output of the buffer may differ up
to 100 mV from the actual input voltage due to
the offset voltage of the buffer. Timing allows
one half of a XIN clock cycle for the voltage on
the sample capacitor to settle to its final value.
The equation which defines the settling time is:
Ve
= Vmax e
−t
⁄RC
Where Ve is the final settled value, Vmax is the
maximum error voltage value of the input signal,
R is the value of the input source resistance, C is
the 15 pF sample capacitor plus the value of any
stray or additional capacitance at the input pin.
The value of t is equal to 1/(2XIN).
Vmax occurs the instant the sample capacitor is
switched from the buffer output to the AIN pin.
Prior to switching, AIN has an error estimated as
being less than or equal to Ve. Vmax is equal to
the prior error (Ve) plus the additional error
from the buffer offset. The estimate for Vmax is:
Vmax
= Ve + 100mV
15pF
(15pF + CEXT )
Where CEXT is the combination of any external
or stray capacitance.
From the settling time equation, an equation for
the maximum acceptable source resistance is de-
rived.
Rsmax
=
−1
2XIN
(15pF + CEXT ) ln 
Ve
Ve
+
15pF
(100mv)
(15pF + CEXT )
This equation assumes that the offset voltage of
the buffer is 100 mV, which is the worst case.
The value of Ve is the maximum error voltage
which is acceptable.
For a maximum error voltage (Ve) of 10
µV in
the CS5505 (1/4LSB at 16-bits) and 600 nV in
the CS5506 (1/4LSB at 20-bits), the above equa-
tion indicates that when operating from a
32.768 kHz XIN, source resistances up to
110 k
Ω in the CS5505 or 84 kΩ in the CS5506
are acceptable in the absence of external capaci-
tance (CEXT = 0). If higher input source
resistances are desired the master clock rate can
be reduced to yield a longer settling time.
The VREF+ and VREF- inputs have nearly the
same structure as the AIN+ and AIN- inputs.
Therefore, the discussion on analog input imped-
ance applies to the voltage reference inputs as
well.
+
-
15 pF
Vos < 100 mV
+
-
Vos < 100 mV
Internal
Bias
Voltage
15 pF
AIN+
AIN-
CS5505/6/7/8
Figure 8. Analog Input Model
CS5505/6/7/8
18
DS59F4
CS5505/6/7/8
18
DS59F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com