| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAXQ3180-RAN+ bảng dữ liệu(PDF) 52 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ bảng dữ liệu(HTML) 52 Page - Maxim Integrated Products |
|
52 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE 52 ______________________________________________________________________________________ Reactive Power, Phase X = A/B/C/T (PWRQ.X) (A: 0x811, B: 0x812, C: 0x814, T: 0x817) This signed register contains the reactive instantaneous power delivered into phase A/B/C or total. Power is calculat- ed from the instantaneous energy measurement according to the following equation: The register is 8 bytes long, but the most signficant 2 bytes are not used. See the PWR_CC register description for more details. Apparent Power, Phase X = A/B/C/T (PWRS.X) (A: 0x821, B: 0x822, C: 0x824, T: 0x827) This register contains the apparent instantaneous power delivered into phase A/B/C or total. Power is calculated from the instantaneous energy measurement according to the following equation: The register is 8 bytes long, but the most significant 2 bytes are not used. See the PWR_CC register description for more details. PWRS X X APP PWR CC NS . ._ = ×× 216 PWRQ X X REA PWR CC NS . ._ = ×× 216 Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) |