công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAXQ3180-RAN+ bảng dữ liệu(PDF) 85 Page - Maxim Integrated Products

tên linh kiện MAXQ3180-RAN+
Giải thích chi tiết về linh kiện  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ bảng dữ liệu(HTML) 85 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 81Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 82Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 83Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 84Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 85Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 86Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 87Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 88Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 89Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
85
Timeouts
Zero-Crossing Timeout (NZX_TIMO) (0x054)
This register specifies the time in ADC sample periods (default 40μs) that must elapse following a zero-crossing
event before the MAXQ3180 declares a “no-zero crossing” fault. When this fault is declared, the NOZXF bit in the
X.FLAGS register is set.
Communications Timeout (COM_TIMO) (0x056)
This register specifies the duration of SPI timeout in ADC frames (default 320μs).
Energy Accumulation Timeout (ACC_TIMO) (0x058)
This register specifies the time in DSP cycles that the MAXQ3180 waits before accumulating energy. If this register is
nonzero, it is decremented on each DSP cycle. If the result of the decrement is nonzero, the results of the DSP cycle
are discarded and are not accumulated to the energy registers. This register is useful for delaying the initiation of
energy accumulation on startup or after some hardware function has been modified.
Bit:
15
14
13
12
11
10
9
8
Name:
Zero-Crossing Timeout High Byte
Reset:
0x23
Bit:
7
6
5
4
3
2
1
0
Name:
Zero-Crossing Timeout Low Byte
Reset:
0x28
Bit:
15
14
13
12
11
10
9
8
Name:
Communications Timeout High Byte
Reset:
0x03
Bit:
7
6
5
4
3
2
1
0
Name:
Communications Timeout Low Byte
Reset:
0xE8
Bit:
15
14
13
12
11
10
9
8
Name:
Energy Accumulation Timeout High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Energy Accumulation Timeout Low Byte
Reset:
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com