| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS-3000/4M bảng dữ liệu(PDF) 36 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-3000/4M bảng dữ liệu(HTML) 36 Page - BOSER Technology Co., Ltd |
|
36 / 46 page ![]() 30 4.4 Standard CMOS Setup The Standard Setup is used for the basic hardware system configuration. The main function is for Data/Time and Floppy/Hard Disk Drive settings. Please refer to the following screen for the setup. When the IDE hard disk drive you are using is larger than 528MB, please set the HDD mode to LBA mode. Please use the IDE Setup Utility in BIOS SETUP to install the HDD correctly. AMI BIOS Setup – Standard CMOS Setup © 1999 American Megatrends, Inc. All Rights Reserved Data (mm:dd:yy):Fri, Dec 20 2002 Base Memory: 640 KB Time (hh:mm:ss):14:50:1 Ext Memory: 3 MB Type CYLS HEAD PRECOMP LANDZ SECTOR MODE Pri Master : Auto Off Pri Slave : Auto Off Floppy Drive A : 1.44 MB 3.5 Floppy Drive B : Not Installed Boot Sector Virus Protection: Disabled Month: Day: Year: Jan – Dec 01 – 31 1901 – 2099 ESC: Quit : Sel PgUp/PgDn: Modify F1: Help F2/F3: Color |