| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7262 bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7262 bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 45 page ![]() SH7262/SH7264 Group High-speed Read/Write Serial Flash Memory Using the Renesas Serial Peripheral Interface REJ06B0889-0100/Rev.1.00 June 2009 Page 23 of 45 3.5 Sample Program Listing "serial_flash.c" (2/19) 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 /* ==== Macro definition ==== */ #define SFLASHCMD_CHIP_ERASE 0xc7 #define SFLASHCMD_SECTOR_ERASE 0xd8 #define SFLASHCMD_BYTE_PROGRAM 0x02 #define SFLASHCMD_BYTE_READ 0x0B #define SFLASHCMD_BYTE_READ_LOW 0x03 #define SFLASHCMD_WRITE_ENABLE 0x06 #define SFLASHCMD_WRITE_DISABLE 0x04 #define SFLASHCMD_READ_STATUS 0x05 #define SFLASHCMD_WRITE_STATUS 0x01 #define UNPROTECT_WR_STATUS 0x00 #define PROTECT_WR_STATUS 0x3C #define SF_USE_DMAC /* Define this macro when using the function (sf_byte_read_long)in the DMA transfer */ /* ==== Function prototype declaration ==== */ /*** Local function ***/ static void write_enable(void); static void write_disable(void); static void busy_wait(void); static unsigned char read_status(void); static void write_status(unsigned char status); static void io_init_rspi(void); static void io_cmd_exe(unsigned char *ope, int ope_sz, unsigned char *data, int data_sz); static void io_cmd_exe_rdmode(unsigned char *ope, int ope_sz, unsigned char *rd, int rd_sz); static void io_cmd_exe_rdmode_cpu_l(unsigned char *ope, int ope_sz, unsigned long *rd, int rd_sz); static void io_cmd_exe_rdmode_dma_l(unsigned char *ope, int ope_sz, unsigned long *rd, int rd_sz); static void io_wait_tx_end(void); /* ==== Variable definition ==== */ /*""FUNC COMMENT""************************************************************** * ID : * Outline : Serial flash memory initialization *------------------------------------------------------------------------------ * Include : *------------------------------------------------------------------------------ * Declaration : void sf_init_serial_flash(void); *------------------------------------------------------------------------------ * Description : Initializes serial flash memory for being accessed. * : Initializes channel 0 of the Renesas Serial Peripheral * : Interface (RSPI). *------------------------------------------------------------------------------ * Argument : void *------------------------------------------------------------------------------ * Return Value : void *------------------------------------------------------------------------------ * Note : None *""FUNC COMMENT END""**********************************************************/ |