công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA2500DTR bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện STA2500DTR
Giải thích chi tiết về linh kiện  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 40Page - STMicroelectronics STA2500DTR Datasheet HTML 41Page - STMicroelectronics STA2500DTR Datasheet HTML 42Page - STMicroelectronics STA2500DTR Datasheet HTML 43Page - STMicroelectronics STA2500DTR Datasheet HTML 44Page - STMicroelectronics STA2500DTR Datasheet HTML 45Page - STMicroelectronics STA2500DTR Datasheet HTML 46Page - STMicroelectronics STA2500DTR Datasheet HTML 47Page - STMicroelectronics STA2500DTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Digital interfaces
STA2500D
44/57
Doc ID 16067 Rev 1
In Slave mode, all possible PCM_SYNC lengths are supported (including “short frame” (= 1
PCM_CLK period) and “long frame” (> 1 PCM_CLK period)). In Master mode, the length is
configurable (1 (“short frame”), 8 or 16 (“long frame”) PCM_CLK periods).
The start of the PCM data is configurable. One possible configuration is e.g. for a short
frame, the falling edge of the PCM_SYNC indicating the start of the PCM word. Another
possible configuration is e.g. for a long frame, the rising edge of the PCM_SYNC indicating
the start of the PCM word.
TX data are by default generated on the positive edge of PCM_CLK and expected to be
latched by the external device on the negative edge while RX data are latched on the
negative edge of PCM_CLK. But the inverted clock mode is also supported, whereby the
generation of TX data is on the negative edge and the latching of TX and RX data is on the
positive edge.
One additional PCM_SYNC signal can be provided via the GPIOs. See section 7.5 for more
details.
Figure 19.
PCM (A-law, µ-law) standard mode
Figure 20.
Linear mode
Figure 21.
Multislot operation
The PCM implementation supports from 1 up to 3 slots per frame with the following
parameters:
D02TL558
PCM_CLK
PCM_SYNC
PCM_A
B
B
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B
125µs
B
D02TL559
PCM_CLK
PCM_SYNC
PCM_A
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
125
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com