công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XCM519AD02DR bảng dữ liệu(PDF) 7 Page - Torex Semiconductor

tên linh kiện XCM519AD02DR
Giải thích chi tiết về linh kiện  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519AD02DR bảng dữ liệu(HTML) 7 Page - Torex Semiconductor

Back Button XCM519AD02DR Datasheet HTML 3Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 4Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 5Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 6Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 7Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 8Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 9Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 10Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7/49
XCM519
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●
XCM519xC 1ch (DC/DC BLOCK)
V
DCOUT=1.8V, fOSC=1.2MHz, Ta=25℃
Test conditions: Unless otherwise stated, VIN1=5.0V, VDCOUT(E)= Nominal voltage
NOTE:
*1: Including hysteresis width of operating voltage.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4: Design value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6: Time until it short-circuits DCOUT with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse
generating.
*7: VDCOUT (E)+1.2V<2.7V, VIN=2.7V.
*8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*9: Current limit denotes the level of detection at peak of coil current.
*10: "H"=VIN∼VIN - 1.2V, "L"=+ 0.1V ∼ - 0.1V
*11: XCM519A series exclude IPFM and DLIMT_PFM because those are only for the PFM control’s functions.
* The electrical characteristics above are when the other channel is in stop mode.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VDCOUT
When connected to external components,
VIN1=VEN1=5.0V,IOUT1=30mA
1.764
1.800
1.836
V
①
Operating Voltage Range
VIN1
2.7
-
6.0
V
①
Maximum Output Current
IOUT1MAX
When connected to external components,
VIN1=DCOUT(E)V+2.0V,VEN1=1.0V
(*8)
600
-
-
mA
①
UVLO Voltage
VUVLO
VEN1=VIN1
,DCOUT=0V,
Voltage which Lx pin holding “L” level
(*1, *10)
1.00
1.40
1.78
V
②
(XCM519AC)
-
22
50
Supply Current
IDD
VIN1=VEN1=5.0V,DCOUT=DCOUT(E)×1.1V
(XCM519BC)
-
15
33
μA
③
Stand-by Current
ISTB
VIN1=5.0V,VEN1=0V,DCOUT=DCOUT(E)×1.1V
-
0
1.0
μA
③
Oscillation Frequency
fOSC
When connected to external components,
VIN1=DCOUT(E)V+2.0V,VEN1=1.0V, IOUT1=100mA
1020
1200
1380
kHz
①
PFM Switching Current
IPFM
When connected to external components,
VIN1=DCOUT(E)V+2.0V,VEN1=VIN1, IOUT1=1mA
(*11)
120
160
200
mA
①
PFM Duty Limit
DLIMIT_PFM
VEN1=VIN1=(C-1)IOUT1=1mA
(*11)
-
200
%
②
Maximum Duty Ratio
DMAX
VIN1=VEN1=5.0V,DCOUT=DCOUT(E)×0.9V
100
-
-
%
②
Minimum Duty Ratio
DMIN
VIN1=VEN1=5.0V,DCOUT=DCOUT(E)×1.1V
-
-
0
%
②
Efficiency
EFFI
When connected to external components,
VEN1=VIN1=DCOUT(E)+1.2V
(*7), IOUT1=100mA
-
92
-
%
①
Lx SW "H" ON Resistance 1
RLXH
VIN1=VEN1=5.0V,DCOUT=0V,ILX=100mA
(*3)
-
0.35
0.55
Ω
④
Lx SW "H" ON Resistance 2
RLXH
VIN1=VEN1=3.6V,DCOUT=0V,ILX=100mA
(*3)
-
0.42
0.67
Ω
④
Lx SW "L" ON Resistance 1
RLXL
VIN1=VEN1=5.0V
(*4)
-
0.45
0.66
Ω
−
Lx SW "L" ON Resistance 2
RLXL
VIN1=VEN1=3.6V
(*4)
-
0.52
0.77
Ω
−
Lx SW "H" Leak Current
(*5)
ILEAKH
VIN1=DCOUT=5.0V,VEN1=0V,LX=0V
-
0.01
1.0
μA
⑨
Current Limit
(*9)
ILIM
VIN1=VEN1=5.0V,DCOUT=DCOUT(E)×0.9V
900
1050
1350
mA
⑥
Output Voltage
Temperature
Characteristics
△DCOUT /
(DCOUT・△topr)
IOUT1=30mA, -40℃≦Topr≦85℃
-
±100
-
ppm/℃
①
EN1 "H" Level Voltage
VEN1H
DCOUT=0V, Applied voltage to VEN1,
Voltage changes Lx to “H” level
(*10)
0.65
-
6.0
V
③
EN1 "L" Level Voltage
VEN1L
DCOUT=0V, Applied voltage to VEN1,
Voltage changes Lx to “L” level
(*10)
VSS
-
0.25
V
③
EN1 "H" Current
IEN1H
VIN1=VEN1=5.0V,DCOUT=0V
- 0.1
-
0.1
μA
⑤
EN1 "L" Current
IEN1L
VIN1=5.0V,VEN1=0V,DCOUT=0V
- 0.1
-
0.1
μA
⑤
Soft Start Time
tSS
When connected to external components,
VEN1=0V→VIN1, IOUT1=1mA
-
0.25
0.40
ms
①
Latch Time
TLAT
VIN1=VEN1=5.0V, DCOUT=0.8×DCOUT(E)
Short Lx at 1Ω resistance
(*6)
1.0
-
20
ms
⑦
Short Protection
Threshold Voltage
VSHORT
Sweeping DCOUT, VIN1=VEN1=5.0V, Short Lx at
1Ω resistance, DCOUT voltage which Lx becomes
“L” level within 1ms
0.675
0.900
1.150
V
⑦
CL Discharge
RDCHG
VIN1=5.0V, LX=5.0V,VEN1=0V, DCOUT=Open
200
300
450
Ω
⑧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com