công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPA2017D2RTJR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPA2017D2RTJR
Giải thích chi tiết về linh kiện  2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPA2017D2RTJR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TPA2017D2RTJR Datasheet HTML 7Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 8Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 9Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 10Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 11Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 12Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 13Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 14Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
V
-dBV
IN
TPA2017D2
www.ti.com ..................................................................................................................................................................................................... SLOS584 – APRIL 2009
Since the number of gain steps is limited the compression region is limited as well. The following figure shows
how the gain changes vs. the input signal amplitude in the compression region.
Figure 20. Input Signal Voltage vs Gain
Thus the AGC performs a mapping of the input signal vs. the output signal amplitude.
Pins AGC1 and AGC 2 are used to enable/disable the limiter, compression, and noise gate function. Table 1
shows each function.
Table 1. FUNCTION DEFINITION FOR AGC1 AND AGC2
AGC1
AGC2
Function
0
0
AGC Function disabled
0
1
AGC Limiter Function enabled
1
0
AGC, Limiter, and Compression Functions enabled
1
1
AGC, Limiter, Compression, and Noise Gate Functions enabled
The default values for the TPA2017D2 AGC function are given in Table 2. The default values can be changed at
the factory during production. Refer to the TI representative for assistance with different default value requests.
Table 2. AGC DEFAULT VALUES
Attack Time
6.4 ms / step
Release Time
1.81 sec/step
Fixed Gain
6 dB
NoiseGate Threshold
20 mV
Output Limiter Level
9 dBV
Max Gain
30 dB
Compression Ratio
2:1
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA2017D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com