công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS6214IPWPR bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện THS6214IPWPR
Giải thích chi tiết về linh kiện  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 14Page - Texas Instruments THS6214IPWPR Datasheet HTML 15Page - Texas Instruments THS6214IPWPR Datasheet HTML 16Page - Texas Instruments THS6214IPWPR Datasheet HTML 17Page - Texas Instruments THS6214IPWPR Datasheet HTML 18Page - Texas Instruments THS6214IPWPR Datasheet HTML 19Page - Texas Instruments THS6214IPWPR Datasheet HTML 20Page - Texas Instruments THS6214IPWPR Datasheet HTML 21Page - Texas Instruments THS6214IPWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
-55
60
65
70
75
80
85
90
95
100
105
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
12
14
16
OutputVoltage(V )
PP
G
=5V/V
G
=1V/V
V =
R =100
f=1MHz
DIFF
CM
O
PP
L
2V
W
SecondHarmonic
ThirdHarmonic
50
60
70
80
90
100
110
-
-
-
-
-
-
-
Frequency(Hz)
400k
1M
40M
G
=5V/V
G
=1V/V
V =
R =100
DIFF
CM
O
PP
L
2V
W
SecondHarmonic
ThirdHarmonic
10M
-80
85
90
95
100
105
-
-
-
-
-
4
5
6
7
8
9
10
11
12
SupplyVoltage( V )
S
±
G
=5V/V
G
=1V/V
V =
R =100
f=1MHz
DIFF
CM
O
PP
L
2V
W
ThirdHarmonic
SecondHarmonic
75
80
85
90
95
100
105
110
-
-
-
-
-
-
-
-
Resistance( )
W
50
100
1k
G
=5V/V
G
=1V/V
V =2V
DIFF
CM
O
PP
f=1MHz
SecondHarmonic
ThirdHarmonic
80
85
90
95
100
105
-
-
-
-
-
-
Gain(V/V)
1
10
20
SecondHarmonic
ThirdHarmonic
G
=5V/V
G
=1V/V
V =2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
60
55
50
45
40
35
30
25
20
0
5
10
15
20
25
30
Frequency(MHz)
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V, Full Bias (continued)
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 50.
Figure 51.
HARMONIC DISTORTION vs SUPPLY VOLTAGE
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 52.
Figure 53.
TWO-TONE, THIRD-ORDER
HARMONIC DISTORTION vs NONINVERTING GAIN
INTERMODULATION INTERCEPT
Figure 54.
Figure 55.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com