| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM1795DB bảng dữ liệu(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM1795DB bảng dữ liệu(HTML) 53 Page - Texas Instruments |
|
53 / 58 page ![]() ANALOG OUTPUT 0 1 2 3 4 5 6 - - - - - - OUTPUTCURRENTvsINPUTCODE I N OUT I P OUT InputCode(Hex) 80000000( FS) - 000000(BPZ) 7FFFFFFF(+FS) PCM1795 www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009 Table 17 and Figure 75 show the relationship between the digital input code and analog output. Table 17. Analog Output Current and Voltage(1) PARAMETER 800000 (–FS) 000000 (BPZ) 7FFFFF (+FS) IOUTN (mA) –1.5 –3.5 –5.5 IOUTP (mA) –5.5 3.5 –1.5 VOUTN (V) –1.23 –2.87 –4.51 VOUTP (V) –4.51 –2.87 –1.23 VOUT (V) –2.91 0 2.91 (1) VOUTN is the output of U1, VOUTP is the output of U2, and VOUT is the output of U3 in the measurement circuit of Figure 52. Figure 75. Relationship Between Digital Input and Analog Output Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 53 Product Folder Link(s): PCM1795 |