công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCS5I9658 bảng dữ liệu(PDF) 9 Page - PulseCore Semiconductor

tên linh kiện PCS5I9658
Giải thích chi tiết về linh kiện  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSECORE [PulseCore Semiconductor]
Trang chủ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9658 bảng dữ liệu(HTML) 9 Page - PulseCore Semiconductor

Back Button PCS5I9658 Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 10Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 11Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 12Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 13Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
November 2006
PCS5I9658
rev 0.3
3.3V 1:10 LVCMOS PLL Clock Generator
9 of 15
Notice: The information in this document is subject to change without notice.
Driving Transmission Lines
The PCS5I9658 clock driver was designed to drive high
speed signals in a terminated transmission line
environment. To provide the optimum flexibility to the
user the output drivers were designed to exhibit the
lowest impedance possible. With an output impedance of
less than 20Ω the drivers can drive either parallel or
series terminated transmission lines. In most high
performance clock networks point-to-point distribution of
signals is the method of choice. In a point-to-point
scheme either series terminated or parallel terminated
transmission lines can be used. The parallel technique
terminates the signal at the end of the line with a 50Ω
resistance to VCC÷2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the PCS59658 clock driver. For the series
terminated case however there is no DC current draw,
thus the outputs can drive multiple series terminated
lines. Figure 6. “Single versus Dual Transmission Lines”
illustrates an output driving a single series terminated line
versus two series terminated lines in parallel. When taken
to its extreme the fanout of the PCS5I9658 clock driver is
effectively doubled due to its capability to drive multiple
lines.
Figure 6. Single versus Dual Transmission Lines
The waveform plots in Figure 7. “Single versus Dual Line
Termination Waveforms” show the simulation results of
an output driving a single line versus two lines. In both
cases the drive capability of the PCS5I9658 output buffer
is more than sufficient to drive 50Ω transmission lines on
the incident edge. Note from the delay measurements in
the simulations a delta of only 43pS exists between the
two differently loaded outputs. This suggests that the dual
line driving need not be used exclusively to maintain the
tight output-to-output skew of the PCS5I9658. The output
waveform in Figure 7. “Single versus Dual Line
Termination Waveforms” shows a step in the waveform,
this step is caused by the impedance mismatch seen
looking into the driver. The parallel combination of the
36Ω series resistor plus the output impedance does not
match the parallel combination of the line impedances.
The voltage wave launched down the two lines will equal:
VL = VS ( Z0 ÷(RS+R0 +Z0))
Z0 = 50Ω|| 50Ω
RS = 36 Ω|| 36Ω
R0 = 14Ω
VL = 3.0 ( 25 ÷(18+14+25))
= 1.31V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.6V. It will then increment
towards the quiescent 3.0V in steps separated by one
round trip delay (in this case 4.0nS).
Figure 7. Single versus Dual Waveforms
Since this step is well above the threshold region it will
not cause any false clock triggering, however designers
may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving
multiple lines the situation in Figure 8. “Optimized Dual
Line Termination” should be used. In this case the series
terminating resistors are reduced such that when the
parallel combination is added to the output buffer
impedance the line impedance is perfectly matched.
14
Ω + 22Ω || 22Ω = 50Ω || 50Ω
25
Ω = 25Ω
Figure 8. Optimized Dual Line Termination
PCS5I9658
OUTPUT BUFFER
14Ω
IN
OUTA
Z0=50Ω
RS=36Ω
PCS5I9658
OUTPUT BUFFER
14Ω
IN
OUTB1
Z0=50Ω
RS=36Ω
OUTB0
Z0=50Ω
RS=36Ω
PCS5I9658
OUTPUT BUFFER
14Ω
IN
Z0=50Ω
RS=22Ω
Z0=50Ω
RS=22Ω
3.0
2.5
2.0
1.5
1.0
0.5
0
24
6
8
10
12
14
TIME (nS)
In
OutA
tD = 3.8956
OutB
tD = 3.9386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com