công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCS5I9658 bảng dữ liệu(PDF) 8 Page - PulseCore Semiconductor

tên linh kiện PCS5I9658
Giải thích chi tiết về linh kiện  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSECORE [PulseCore Semiconductor]
Trang chủ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9658 bảng dữ liệu(HTML) 8 Page - PulseCore Semiconductor

Back Button PCS5I9658 Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 10Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 11Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
November 2006
PCS5I9658
rev 0.3
3.3V 1:10 LVCMOS PLL Clock Generator
8 of 15
Notice: The information in this document is subject to change without notice.
in this section should be adequate to eliminate power
supply noise related problems in most designs.
Using the PCS5I9658 in zero-delay applications
Nested clock trees are typical applications for the
PCS5I9658. Designs using the PCS5I9658, as LVCMOS
PLL fanout buffer with zero insertion delay will show
significantly lower clock skew than clock distributions
developed from CMOS fanout buffers. The external
feedback option of the PCS59658 clock driver allows for
its use as a zero delay buffer. The PLL aligns the
feedback clock output edge with the clock input reference
edge resulting a near zero delay through the device (the
propagation delay through the device is virtually
eliminated). The maximum insertion delay of the device in
zero-delay applications is measured between the
reference clock input and any output. This effective delay
consists
of
the
static
phase
offset,
I/O
jitter
(phase or long-term jitter), feedback path delay and the
output-to-output skew error relative to the feedback
output.
Calculation of part-to-part skew
The PCS5I9658 zero delay buffer supports applications
where critical clock signal timing can be maintained
across several devices. If the reference clock inputs of
two or more PCS5I9658 are connected together, the
maximum overall timing uncertainty from the common
PCLK input to any output is:
tSK(PP) = t(φ) + tSK(O) + tPD, LINE(FB) + tJIT(φ) .CF
This
maximum
timing
uncertainty
consist
of
4
components: static phase offset, output skew, feedback
board trace delay and I/O (phase) jitter:
Figure 4. PCS5I9658 max device-to-device skew
Due to the statistical nature of I/O jitter a RMS value (1σ)
is specified. I/O jitter numbers for other confidence factors
(CF) can be derived from Table 8.
Table 8: Confidence Factor CF
CF
Probability of clock edge within the
distribution
± 1σ
0.68268948
± 2σ
0.95449988
± 3σ
0.99730007
± 4σ
0.99993663
± 5σ
0.99999943
± 6σ
0.99999999
The feedback trace delay is determined by the board
layout and can be used to fine-tune the effective delay
through each device. In the following example calculation
a I/O jitter confidence factor of 99.7% (±3σ) is assumed,
resulting in a worst case timing uncertainty from input to
any output of -214pS to 224pS relative to PCLK
(fREF
=
100MHz,
FB=÷4,
tjit(φ)=8pS
RMS
at
fVCO = 400MHz):
tSK(PP) = [–70pS...80pS] + [–120pS...120pS] +
[(8Ps . –3)...(8pS . 3)] + tPD, LINE(FB)
tSK(PP) = [–214pS...224pS] + tPD, LINE(FB)
Due to the frequency dependence of the I/O jitter, Figure
5. can be used for a more precise timing performance
analysis.
Figure 5. Maximum I/O Jitter versus frequency
QFBDevice 1
Any QDevice 1
QFBDevice 2
Any QDevice 2
Max. skew
-t(Ø)
tPD,LINE (FB)
tJIT(Ø)
+tSK(O)
+t
tJIT(Ø)
+tSK(O)
tSK(PP)
PCLKCommon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com