công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCS2P3805E bảng dữ liệu(PDF) 2 Page - PulseCore Semiconductor

tên linh kiện PCS2P3805E
Giải thích chi tiết về linh kiện  3.3V CMOS Dual 1-To-5 Clock Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSECORE [PulseCore Semiconductor]
Trang chủ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P3805E bảng dữ liệu(HTML) 2 Page - PulseCore Semiconductor

  PCS2P3805E Datasheet HTML 1Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 2Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 3Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 4Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 5Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 6Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 7Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 8Page - PulseCore Semiconductor PCS2P3805E Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
September 2006
PCS2P3805E
rev 0.3
3.3V CMOS Dual 1-To-5 Clock Driver
2 of 11
Notice: The information in this document is subject to change without notice.
Pin Description
Pin #
Pin Names
Description
9,12
OE
¯¯ A, OE
¯¯ B
3-State Output Enable Inputs (Active LOW)
10,11
INA, INB
Clock Inputs
2,3,4,6,7
OA1-OA5
Clock Outputs from Bank A
19,18,17,15,14
OB1-OB5
Clock Outputs from Bank B
1
VCCA
Power supply for Bank A
20
VCCB
Power supply for Bank B
5
GNDA
Ground for Bank A
16
GNDB
Ground for Bank B
8
GNDQ
Ground
13
MON
Monitor Output
Function Table
1
Inputs
Outputs
OE
¯¯ A, OE
¯¯ B
INA, INB
OAn, OBn
MON
L
L
L
L
L
H
H
H
H
L
Z
L
H
H
Z
H
Note: 1 H = HIGH; L = LOW; Z = High-Impedance
Capacitance (T
A = +25°C, f = 1.0MHz)
Symbol
Parameter
1
Conditions
Typ
Max
Unit
CIN
Input Capacitance
VIN= 0V
3
4
pF
COUT
Output Capacitance
VOUT = 0V
-
6
pF
Note: 1 This parameter is measured at characterization but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11