công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASM3I2811AF-08SR bảng dữ liệu(PDF) 1 Page - PulseCore Semiconductor

tên linh kiện ASM3I2811AF-08SR
Giải thích chi tiết về linh kiện  Low Power EMI Reduction IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSECORE [PulseCore Semiconductor]
Trang chủ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2811AF-08SR bảng dữ liệu(HTML) 1 Page - PulseCore Semiconductor

  ASM3I2811AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ASM3P2811A/B
ASM3P2812A/B
November 2006
ASM3P2814A/B
rev 1.5
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Power EMI Reduction IC
Features
•
FCC approved method of EMI attenuation.
•
Provides up to 15dB EMI reduction.
•
Generates a 1X, 2X and 4X low EMI spread
spectrum clock of the input frequency.
• 1X: ASM3P2811A/B
• 2X: ASM3P2812A/B
• 4X: ASM3P2814A/B
•
Optimized for input frequency range from
10MHz to 40 MHz.
•
Internal loop filter minimizes external
components and board space.
•
Selectable spread options: Down Spread and
Center Spread.
•
8 spread frequency deviation selections:
• ±0.625% to –3.5%
•
Low inherent cycle-to-cycle jitter.
•
3.3V Operating Voltage.
•
CMOS/TTL compatible inputs and outputs.
•
Pin-out compatible with Cypress CY25811,
CY25812 and CY25814.
•
Products are available in Commercial and
Industrial temperature range.
•
Available in 8-pin SOIC and TSSOP Packages.
Product Description
The ASM3P28XX devices are versatile spread spectrum
frequency modulators designed specifically for a wide
range of input clock frequencies from 10MHz to 40MHz.
(Refer Input/Output Frequency Range Selection Table).
The ASM3P28XX can generate an EMI reduced clock
from crystal, ceramic resonator, or system clock. The
ASM3P28XX-A and the ASM3P28XX-B offer various
combinations
of
spread
options
and
percentage
deviations (Refer Output Frequency Deviation and
Spread Option Selection Table). These combinations
include Down and Center Spread and percentage
deviation range from ±0.625% to –3.50%.
The ASM3P28XX reduces electromagnetic interference
(EMI) at the clock source, allowing system wide reduction
of EMI of
down stream clock and data dependent
signals. The ASM3P28XX allows significant system cost
savings by reducing the number of circuit board layers,
ferrite beads, shielding, and other passive components
that are traditionally required to pass EMI regulations.
The ASM3P28XX modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
The ASM3P28XX uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all-digital method.
Applications
The ASM3P28XX is targeted towards EMI management
for memory and LVDS interfaces in mobile graphic
chipsets and high-speed digital applications such as PC
peripheral devices, consumer electronics, and embedded
controller systems.


Số phần tương tự - ASM3I2811AF-08SR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PulseCore Semiconductor
ASM3I2811AF-08SR PULSECORE-ASM3I2811AF-08SR Datasheet
156Kb / 11P
Low Power EMI Reduction IC
More results

Mô tả tương tự - ASM3I2811AF-08SR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alliance Semiconductor ...
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
Low Power EMI Reduction IC
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
Low Power EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
Low Power EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2811 ALSC-P2811 Datasheet
382Kb / 8P
Low-Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
Low Power Peak EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com