| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P622S00AG-08-ST bảng dữ liệu(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P622S00AG-08-ST bảng dữ liệu(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 16 page ![]() May 2007 ASM3P622S00A/B/J/E/K rev 0.4 Low Frequency Timing-Safe™ Peak EMI Reduction IC 13 of 16 Notice: The information in this document is subject to change without notice. Ordering Codes Ordering Code Marking Package Type Temperature ASM3P622S00AF-08-ST 3P622S00AF 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I622S00AF-08-ST 3I622S00AF 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P622S00AF-08-SR 3P622S00AF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I622S00AF-08-SR 3I622S00AF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P622S00AF-08-TT 3P622S00AF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I622S00AF-08-TT 3I622S00AF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P622S00AF-08-TR 3P622S00AF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I622S00AF-08-TR 3I622S00AF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P622S00BF-08-ST 3P622S00BF 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I622S00BF-08-ST 3I622S00BF 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P622S00BF-08-SR 3P622S00BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I622S00BF-08-SR 3I622S00BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P622S00BF-08-TT 3P622S00BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I622S00BF-08-TT 3I622S00BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P622S00BF-08-TR 3P622S00BF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I622S00BF-08-TR 3I622S00BF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P622S00JF-08-ST 3P622S00JF 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I622S00JF-08-ST 3I622S00JF 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P622S00JF-08-SR 3P622S00JF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I622S00JF-08-SR 3I622S00JF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P622S00JF-08-TT 3P622S00JF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I622S00JF-08-TT 3I622S00JF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P622S00JF-08-TR 3P622S00JF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I622S00JF-08-TR 3I622S00JF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P622S00EF-16-ST 3P622S00EF 16-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3I622S00EF-16-ST 3I622S00EF 16-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3P622S00EF-16-SR 3P622S00EF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I622S00EF-16-SR 3I622S00EF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P622S00EF-16-TT 3P622S00EF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I622S00EF-16-TT 3I622S00EF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P622S00EF-16-TR 3P622S00EF 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I622S00EF-16-TR 3I622S00EF 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P622S00KF-16-ST 3P622S00KF 16-pin 150-mil SOIC-TUBE, Green Commercial |