| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS370 bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS370 bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 60 page ![]() TMS370Cx2x 8-BIT MICROCONTROLLER SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997 32 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 serial communications interface 1 (SCI1) (continued) The SCI1 module block diagram is illustrated in Figure 12. RXCTL.4 – 2 FE OE PE RX ERROR SCICTL.3 TXWAKE SCICCR.6 SCICCR.5 EVEN / ODD ENABLE PARITY Frame Format and Mode WUT TXBUF.7 – 0 Transmit Data Buffer Reg. TXSHF Reg. TXCTL.7 TXCTL.6 TXRDY TX EMPTY SCI TX Interrupt TXCTL.0 TXENA 8 SCICTL.4 BAUD MSB. 7 – 0 Baud Rate MSbyte Reg. BAUD LSB. 7 – 0 Baud Rate LSbyte Reg. CLOCK SCICTL.1 SCITXD SCI TX INT ENA RXCTL.7 ERR RXSHF Reg. RXCTL.1 8 Receive Data Buffer Reg. RXBUF.7 – 0 RXENA RXCTL.6 RXCTL.5 RXRDY BRKDT SCI RX Interrupt RXCTL.0 SCI RX INT ENA SCIPRI.6 SCIPRI.5 Level 1 INT Level 2 INT Level 1 INT Level 2 INT SCITX PRIORITY SCIRX PRIORITY SCITXD SCIPC2.7 – 4 SCICLK SCIPC1.3 – 0 SCIRXD SCIRXD SCIPC2.3 – 0 SCICTL.0 RXWAKE 1 SYSCLK 0 1 0 1 Figure 12. SCI1 Block Diagram instruction set overview Table 17 provides an opcode-to-instruction cross reference of all 73 instructions and 274 opcodes of the ‘370Cx2x instruction set. The numbers at the top of this table represent the most significant nibble (MSN) of the opcode while the numbers at the left side of the table represent the least significant nibble (LSN). The instruction of these two opcode nibbles contains the mnemonic, operands, and byte / cycle particular to that opcode. For example, the opcode B5h points to the CLR A instruction. This instruction contains one byte and executes in eight SYSCLK cycles. |