công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS77C82 bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện TMS77C82
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 29Page - Texas Instruments TMS77C82 Datasheet HTML 30Page - Texas Instruments TMS77C82 Datasheet HTML 31Page - Texas Instruments TMS77C82 Datasheet HTML 32Page - Texas Instruments TMS77C82 Datasheet HTML 33Page - Texas Instruments TMS77C82 Datasheet HTML 34Page - Texas Instruments TMS77C82 Datasheet HTML 35Page - Texas Instruments TMS77C82 Datasheet HTML 36Page - Texas Instruments TMS77C82 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
TMS370Cx0x
8-BIT MICROCONTROLLER
SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device numbering conventions
Figure 12 illustrates the numbering and symbol nomenclature for the TMS370Cx0x family.
7
370
0 2
C
Prefix: TMS = Standard prefix for fully qualified devices
SE = System evaluator that is used for
prototyping purpose.
Family:
370 = TMS370 8-Bit Microcontroller Family
Technology:
C = CMOS
Program Memory Types:
0 = Mask ROM
3 = Mask ROM, No Data EEPROM
7 = EPROM
Device Type:
0 = ’x0x devices containing the following modules:
— Timer 1
— Serial Communications Interface 1 (SCI1)
Memory Size:
2 = 8K bytes
Temperature Ranges:
A = –40
°Cto 85°C
L=
0
°Cto 70°C
T = –40
°C to 105°C
Packages:
FN = Plastic Leaded Chip Carrier
FZ = Ceramic Leaded Chip Carrier
ROM and EPROM Option:
A = For ROM device, the watchdog timer can be configured
as one of the three different mask options:
– A standard watchdog
– A hard watchdog
– A simple watchdog
The clock mask option can be either:
– Divide-by-4 clock
– Divide-by-1 (PLL) clock
The low-power modes can be either:
– Enabled
– Disabled
NONE = For EPROM device, a standard watchdog, a
divide-by-4 clock, and low-power modes are enabled.
TMS
AFN T
Figure 12. TMS370Cx0x Family Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com