| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS77C82 bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 49 page ![]() TMS370Cx0x 8-BIT MICROCONTROLLER SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997 19 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 programmable timer 1 (continued) D Selectable edge-detection circuitry that, depending on the mode of operation, senses active transitions on the input capture pins (T1IC1/CR) D Interrupts that can be generated on the occurrence of: – A capture – A compare equal – A counter overflow – An external edge detection D Sixteen timer 1 module control registers located in the PF frame beginning at address P040. The T1 module control registers are illustrated in Table 13. |